Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS1851E-010TR Datasheet(PDF) 1 Page - Dallas Semiconductor

Part # DS1851E-010TR
Description  Dual Temperature-Controlled NV Digital-to-Analog Converters
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS1851E-010TR Datasheet(HTML) 1 Page - Dallas Semiconductor

  DS1851E-010TR Datasheet HTML 1Page - Dallas Semiconductor DS1851E-010TR Datasheet HTML 2Page - Dallas Semiconductor DS1851E-010TR Datasheet HTML 3Page - Dallas Semiconductor DS1851E-010TR Datasheet HTML 4Page - Dallas Semiconductor DS1851E-010TR Datasheet HTML 5Page - Dallas Semiconductor DS1851E-010TR Datasheet HTML 6Page - Dallas Semiconductor DS1851E-010TR Datasheet HTML 7Page - Dallas Semiconductor DS1851E-010TR Datasheet HTML 8Page - Dallas Semiconductor DS1851E-010TR Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1 of 17
010202
FEATURES
§ Two temperature-controlled 8-bit Digital-to-
Analog Converters (DACs)
§ DAC settings changeable every 4°C
§ Access to temperature data and device
control through a 2-wire interface
§ Operates with +3.3V or +5V supplies
§ Packaging: 8-pin TSSOP
§ Operating temperature: -40ºC to +95ºC
§ Programming temperature: 0ºC to +70ºC
ORDERING INFORMATION
DS1851E-010
8-pin 173mil TSSOP
DS1851E-010/T&R 8-pin Tape and Reel
TSSOP
PIN ASSIGNMENTS
PIN DESCRIPTIONS
VCC
- +3.3V or +5V Power Supply
Input
GND
- Ground
SDA
- 2-Wire Serial Data
Input/Output
SCL
- 2-Wire Serial Clock Input
OutG
- DAC Output with Respect to
Ground
Vrg
- Reference Input from Ground
OutV
- DAC Output with Respect to
VCC
Vrc
- Reference Input from VCC
DESCRIPTION
The DS1851 dual temperature-controlled nonvolatile (NV) DACs consists of two DACs, two EEPROM
look-up tables, and a direct-to-digital temperature sensor. Both of the DACs can be programmed with any
temperature coefficient, which means that any system temperature effects can be corrected without any
additional external devices. The DS1851 provides an ideal method for setting and temperature-
compensating bias voltages and currents in control applications using a minimal amount of external
circuitry.
The user-defined settings for both DACs are stored in two EEPROM look-up tables and can be accessed
over the industry-standard 2-wire serial bus, which consists of SDA and SCL pins. These look-up tables
can assign a unique output value to each DAC for every 4°C increment over the -40°C to +95°C range.
The output of the digital temperature sensor is also available as a 12-bit, two’s complement value over the
serial bus.
www.maxim-ic.com
DS1851
Dual Temperature-Controlled NV
Digital-to-Analog Converters
SDA
1
8
VCC
SCL
2
7
Vrc
Vrg
3
6
OutV
GND
4
5
OutG
8-Pin TSSOP (173mil)


Similar Part No. - DS1851E-010TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
More results

Similar Description - DS1851E-010TR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS1851 MAXIM-DS1851 Datasheet
200Kb / 18P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
19-5733; Rev 1/11
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
logo
Dallas Semiconductor
DS1847 DALLAS-DS1847 Datasheet
239Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
011806
logo
Analog Devices
AD9114 AD-AD9114_17 Datasheet
1Mb / 52P
   Dual Low Power Digital-to-Analog Converters
logo
Texas Instruments
ADS822 TI1-ADS822_15 Datasheet
882Kb / 18P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTERS
logo
DATEL, Inc.
DAC-88GC-2-C DATEL-DAC-88GC-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GE-2 DATEL-DAC-88GE-2 Datasheet
116Kb / 1P
   Digital-to-Analog Converters
DAC-88GM-2-C DATEL-DAC-88GM-2-C Datasheet
116Kb / 1P
   Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com