Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C5750CHMC0GMJB1V107B030AA Datasheet(PDF) 4 Page - TDK Electronics

Part # C5750CHMC0GMJB1V107B030AA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C5750CHMC0GMJB1V107B030AA Datasheet(HTML) 4 Page - TDK Electronics

  C5750CHMC0GMJB1V107B030AA Datasheet HTML 1Page - TDK Electronics C5750CHMC0GMJB1V107B030AA Datasheet HTML 2Page - TDK Electronics C5750CHMC0GMJB1V107B030AA Datasheet HTML 3Page - TDK Electronics C5750CHMC0GMJB1V107B030AA Datasheet HTML 4Page - TDK Electronics C5750CHMC0GMJB1V107B030AA Datasheet HTML 5Page - TDK Electronics C5750CHMC0GMJB1V107B030AA Datasheet HTML 6Page - TDK Electronics C5750CHMC0GMJB1V107B030AA Datasheet HTML 7Page - TDK Electronics C5750CHMC0GMJB1V107B030AA Datasheet HTML 8Page - TDK Electronics C5750CHMC0GMJB1V107B030AA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 56 page
background image
(4/56)
20170710 / mlcc_commercial_general_en.fm
Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use.
Please note that the contents may change without any prior notice due to reasons such as upgrading.
MULTILAYER CERAMIC CHIP CAPACITORS
■CATALOG NUMBER CONSTRUCTION
(1) Series name
(2) Dimensions L x W (mm)
(3) Temperature characteristics
(4) Rated voltage (DC)
(5) Nominal capacitance (pF)
The capacitance is expressed in three digit codes and in units of
pico Farads (pF). The first and second digits identify the first and
second significant figures of the capacitance. The third digit identi-
fies the multiplier. R designates a decimal point.
(Example)0R5 = 0.5pF
101 = 100pF
225 = 2,200,000pF = 2.2µF
(6) Capacitance tolerance
(7) Nominal thickness
(8) Packaging style
(9) Special reserved code
C
3216
X5R
1A
107
M
160
A
C
(1)
(2)
(3)
(4)
(5)
(6)
(7)
(8)
(9)
Code
EIA
Length
Width
Terminal width
0402
CC01005
0.40
0.20
0.07
0603
CC0201
0.60
0.30
0.10
1005
CC0402
1.00
0.50
0.10
1608
CC0603
1.60
0.80
0.20
2012
CC0805
2.00
1.25
0.20
3216
CC1206
3.20
1.60
0.20
3225
CC1210
3.20
2.50
0.20
4532
CC1812
4.50
3.20
0.20
5750
CC2220
5.70
5.00
0.20
Temperature
characteristics
Temperature coefficient
or capacitance change
Temperature range
CH
0±60 ppm/
-25 to +85
C0G
0±30 ppm/
-55 to +125
JB
±10%
-25 to +85
X5R
±15%
-55 to +85
X6S
±22%
-55 to +105
X7R
±15%
-55 to +125
X7S
±22%
-55 to +125
Code
Voltage (DC)
0G
4V
0J
6.3V
1A
10V
1C
16V
1E
25V
1V
35V
1H
50V
Code
Tolerance
B
±0.10pF
C
±0.25pF
D
±0.50pF
F±1%
G±2%
J±5%
K
±10%
M
±20%
Code
Thickness
020
0.20 mm
030
0.30 mm
050
0.50 mm
060
0.60 mm
080
0.80 mm
085
0.85 mm
115
1.15 mm
125
1.25 mm
130
1.30 mm
160
1.60 mm
200
2.00 mm
230
2.30 mm
250
2.50 mm
280
2.80 mm
320
3.20 mm
Code
Style
A
178mm reel, 4mm pitch
B
178mm reel, 2mm pitch
K
178mm reel, 8mm pitch
Code
Description
A
、B、C
TDK internal code


Similar Part No. - C5750CHMC0GMJB1V107B030AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C5750CH1A010B050A TDK-C5750CH1A010B050A Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C5750CH1A0R5B050A TDK-C5750CH1A0R5B050A Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C5750CH1A100B050A TDK-C5750CH1A100B050A Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C5750CH1H010B050A TDK-C5750CH1H010B050A Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C5750CH1H0R5B050A TDK-C5750CH1H0R5B050A Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
More results

Similar Description - C5750CHMC0GMJB1V107B030AA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com