Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS92LV8028 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # DS92LV8028
Description  8 Channel 10:1 Serializer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DS92LV8028 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  DS92LV8028 Datasheet HTML 1Page - National Semiconductor (TI) DS92LV8028 Datasheet HTML 2Page - National Semiconductor (TI) DS92LV8028 Datasheet HTML 3Page - National Semiconductor (TI) DS92LV8028 Datasheet HTML 4Page - National Semiconductor (TI) DS92LV8028 Datasheet HTML 5Page - National Semiconductor (TI) DS92LV8028 Datasheet HTML 6Page - National Semiconductor (TI) DS92LV8028 Datasheet HTML 7Page - National Semiconductor (TI) DS92LV8028 Datasheet HTML 8Page - National Semiconductor (TI) DS92LV8028 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Absolute Maximum Ratings (Note 1)
If Military/Aerospace specified devices are required,
please contact the National Semiconductor Sales Office/
Distributors for availability and specifications.
Supply Voltage (V
CC)
−0.3V to +4V
LVCMOS/LVTTL Input
Voltage
−0.3V to (V
CC
+0.3V)
Bus LVDS Driver Output
Voltage
−0.3V to +3.9V
Bus LVDS Output Short
Circuit
Duration
10ms
Package Thermal
Resistance
θ
JA 196 LBGA:
34˚C/W
θ
JC 196 LBGA:
8˚C/W
Storage Temperature
−65˚C to +150˚C
Junction Temperature
+125˚C
Lead Temperature
(Soldering, 10 seconds)
+225˚C
ESD Rating (HBM)
±3.0kV
Reliability Information
Transistor Count:
37.5k
Recommended Operating
Conditions
Min
Typ
Max
Units
Supply Voltage (V
CC)
3.0
3.3
3.6
V
Operating Free Air
Temperature (T
A)
−40
+25
+85
˚C
Clock Rate
25
66
MHz
Electrical Characteristics
Over recommended operating supply and temperature ranges unless otherwise specified.(Note 2) (Note 3)
Symbol
Parameter
Conditions
Pin/Freq.
Min
Typ
Max
Units
LVCMOS/LVTTL DC Specifications
V
IH
High Level Input Voltage
DINn[0-9], TCLK,
MS_PWDN, PWDNn,
SYNCn, DEN,
BIST_ACT,
BIST_SEL<0:3>
(Note 4)
2.0
V
CC
V
V
IL
Low Level Input Voltage
GND
0.8
V
V
CL
Input Clamp Voltage
I
CL = −18 mA
−0.87
−1.5
V
I
IN
Input Current
V
IN = 0V or 3.6V
−10
+/− 1
+10
µA
Bus LVDS DC SpecificationsOver recommended operating supply and temperature unless otherwise specified.
V
OD
Output Differential Voltage
(DO+) - (DO-)
RL = 100
Ω,C
L =
10pF to GND
DOn+, DOn-
350
500
550
mV
∆V
OD
Output Differential Voltage
Unbalance
335
mV
V
OS
Offset Voltage
1.1
1.2
1.3
V
∆V
OS
Offset Voltage Unbalance
2
35
mV
I
OS
Output Short Circuit Current
DO = 0V, Din = H,
MS_PWDN and DEN
= 2.4V
−50
-90
mA
I
OZ
Tri-State Output Current
MS_PWDN or DEN =
0.8V, DO = 0V OR
VDD
-10
+/-1
10
µA
I
OX
Power-Off Output Current
VDD = 0V, DO = 0V
or 3.6V
-10
+/− 1
10
µA
www.national.com
2


Similar Part No. - DS92LV8028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV8028 TI1-DS92LV8028 Datasheet
697Kb / 22P
[Old version datasheet]   8 Channel 10:1 Serializer
DS92LV8028TUF/NOPB TI1-DS92LV8028TUF/NOPB Datasheet
697Kb / 22P
[Old version datasheet]   8 Channel 10:1 Serializer
DS92LV8028 TI1-DS92LV8028_13 Datasheet
697Kb / 22P
[Old version datasheet]   8 Channel 10:1 Serializer
More results

Similar Description - DS92LV8028

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS92LV8028 TI1-DS92LV8028_13 Datasheet
697Kb / 22P
[Old version datasheet]   8 Channel 10:1 Serializer
logo
National Semiconductor ...
SCAN928028 NSC-SCAN928028 Datasheet
376Kb / 18P
   8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
logo
Texas Instruments
SCAN928028 TI1-SCAN928028 Datasheet
641Kb / 23P
[Old version datasheet]   SCAN928028 8 Channel 10:1 Serializer with IEEE 1149.1 and At-Speed BIST
SN65LV1023A TI-SN65LV1023A_07 Datasheet
717Kb / 29P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP Datasheet
562Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI-SN65LV1021 Datasheet
266Kb / 19P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1021 TI1-SN65LV1021_08 Datasheet
409Kb / 22P
[Old version datasheet]   10-MHz TO 40-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A-EP TI1-SN65LV1023A-EP_14 Datasheet
782Kb / 25P
[Old version datasheet]   10-MHz To 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI-SN65LV1023A Datasheet
314Kb / 22P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
SN65LV1023A TI1-SN65LV1023A_16 Datasheet
938Kb / 29P
[Old version datasheet]   10-MHz TO 66-MHz, 10:1 LVDS SERIALIZER/DESERIALIZER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com