Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

KAT-15-D Datasheet(PDF) 1 Page - Mini-Circuits

Part No. KAT-15-D
Description  Fixed Attenuator Die
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MINI [Mini-Circuits]
Homepage  http://www.minicircuits.com
Logo 

KAT-15-D Datasheet(HTML) 1 Page - Mini-Circuits

   
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Millimeter Wave Precision
Fixed Attenuator Die
Page 1 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
The Big Deal
• Ultra-wide band, DC to 43.5 GHz
• Excellent power handling, up to 2W
• Contiguous ground plane for easy installation
Product Overview
Mini-Circuits’ KAT-D-series MMIC attenuator dice (RoHS compliant) are fixed value, absorptive attenuators
fabricated using highly repetitive MMIC processing with thin film resistors on GaAs substrates. Providing
precise attenuation from DC up to 43.5 GHz, these attenuators are ideal for a very wide range of applica-
tions up to millimeter wave bands including 5G systems and more. KAT-D-series attenuator dice are avail-
able from stock with nominal attenuation values of 0 to 10 dB (in 1 dB steps), and 12, 15, 20, and 30 dB.
Feature
Advantages
Ultra-wide band operation, DC to 43.5 GHz
KAT-D-series attenuator dice support a wide array of applications including 5G sys-
tems, microwave communications, satellite, defense and aerospace, medical broad-
band and optical applications
Single, contiguous ground plane
The attenuators achieve ultra-wide band performance up to 43.5 GHz with single,
contiguous ground plane, simplifying installation into customer hybrids.
High power handling, up to 2W
Power handling up to 2W makes KAT attenuator dice suitable for a wide range of
system power requirements.
Wide range of nominal attenuation values:
0 to 10 dB (in 1 dB steps) and 12, 15, 20
and 30 dB
Small increment offerings enable circuit designers to change attenuation values with-
out motherboard redesign, making the KAT-D-series ideal for adjusting attenuation
values based on test results.
Excellent attenuation flatness
Provides precise, consistent attenuation across the entire frequency band, ideal for
broadband and multi-band usage.
KAT-D-Series
Key Features
50Ω
Up to 2W
DC to 43.5 GHz


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn