Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KAT-10-D Datasheet(PDF) 2 Page - Mini-Circuits

Part # KAT-10-D
Description  Fixed Attenuator Die
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

KAT-10-D Datasheet(HTML) 2 Page - Mini-Circuits

  KAT-10-D Datasheet HTML 1Page - Mini-Circuits KAT-10-D Datasheet HTML 2Page - Mini-Circuits KAT-10-D Datasheet HTML 3Page - Mini-Circuits KAT-10-D Datasheet HTML 4Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Millimeter Wave Precision
Fixed Attenuator Die
Page 2 of 4
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
KAT-10-D+
Product Features
• Wide bandwidth, DC to 43.5 GHz
• Excellent attenuation accuracy & flatness
• Exceptional power handling, up to 1.7W
REV. A
M164399
KAT-10-D+
RS/CP/AM
171017
Typical Applications
• Cellular
• PCS
• Communications
• Radar
• Defense
• 5G
50Ω
1.7W
10dB
DC to 43.5 GHz
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications
General Description
KAT-10-D+ is an absorptive attenuator die fabricated using highly repetitive MMIC process including thin
film resistors on GaAs substrate. KAT-10-D+ attenuator die contains through-wafer vias to realize low
thermal resistance and wideband operation.
Simplified Schematic
Ordering Information: Refer to Last Page
Bonding Pad Position / Description
Pad #
Description
2
RF-IN
5
RF-OUT
1,3,4,6
Ground
Die bottom
Ground
(Numbers on bond pads are for identification only, not marked on Die)
0
L2
L3
L4
L1
H1
0
H3
H2
0
1
2
3
6
5
4
Note: 1. Bond Pad material - Gold
2. Bottom of Die - Gold plated
Die dimensions in µm
L1
L2
L3
L4
H1
H2
H3
Thickness
Bond pad size
125
375
625
750
85
615
700
100
125 x 100


Similar Part No. - KAT-10-D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
KAT-10 MINI-KAT-10 Datasheet
232Kb / 4P
   Fixed Attenuator
KAT-10++ MINI-KAT-10+ Datasheet
232Kb / 4P
   Fixed Attenuator
More results

Similar Description - KAT-10-D

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
YAT-1-D MINI-YAT-1-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-2-D MINI-YAT-2-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-20-D MINI-YAT-20-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-2-D MINI-KAT-2-D Datasheet
262Kb / 4P
   Fixed Attenuator Die
KAT-8-D MINI-KAT-8-D Datasheet
267Kb / 4P
   Fixed Attenuator Die
KAT-0-D MINI-KAT-0-D Datasheet
292Kb / 4P
   Fixed Attenuator Die
YAT-5-D MINI-YAT-5-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
KAT-6-D MINI-KAT-6-D Datasheet
283Kb / 4P
   Fixed Attenuator Die
YAT-12-D MINI-YAT-12-D Datasheet
176Kb / 5P
   Fixed Attenuator Die
YAT-0-D MINI-YAT-0-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
YAT-9-D MINI-YAT-9-D Datasheet
177Kb / 5P
   Fixed Attenuator Die
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com