Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM809M3X-2.45 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM809M3X-2.45
Description  3-Pin Microprocessor Reset Circuits
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM809M3X-2.45 Datasheet(HTML) 6 Page - National Semiconductor (TI)

  LM809M3X-2.45 Datasheet HTML 1Page - National Semiconductor (TI) LM809M3X-2.45 Datasheet HTML 2Page - National Semiconductor (TI) LM809M3X-2.45 Datasheet HTML 3Page - National Semiconductor (TI) LM809M3X-2.45 Datasheet HTML 4Page - National Semiconductor (TI) LM809M3X-2.45 Datasheet HTML 5Page - National Semiconductor (TI) LM809M3X-2.45 Datasheet HTML 6Page - National Semiconductor (TI) LM809M3X-2.45 Datasheet HTML 7Page - National Semiconductor (TI) LM809M3X-2.45 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Applications Information
Benefits of Precision Reset Thresholds
A microprocessor supply supervisor must provide a reset
output within a predictable range of the supply voltage. A
common threshold range is between 5% and 10% below the
nominal supply voltage. The 4.63V and 3.08V options of the
LM809/810 use highly accurate circuitry to ensure that the
reset threshold occurs only within this range (for 5V and 3.3V
supplies). The other voltage options have the same tight
tolerance to ensure a reset signal for other narrow monitor
ranges. See Table 1 for examples of how the standard reset
thresholds apply to 3V, 3.3V, and 5V nominal supply volt-
ages.
TABLE 1. Reset Thresholds Related to Common
Supply Voltages
Reset
Threshold
3.0V
3.3V
5.0V
4.63 ± 3%
90 - 95%
4.38 ± 3%
85 - 90%
4.00 ± 3%
78 - 82%
3.08 ± 3%
90 - 95%
2.93 ± 3%
86 - 90%
2.63 ± 3%
85 - 90%
77 - 81%
2.45 ± 3%
79 - 84%
72 - 76%
Ensuring a Valid Reset Output Down to V
CC =0V
When V
CC falls below 1V, the LM809 RESET output no
longer sinks current. A high-impedance CMOS logic input
connected to RESET can therefore drift to undetermined
voltages. To prevent this situation, a 100k
Ω resistor should
be connected from the RESET output to ground, as shown in
Figure 1.
A 100k
Ω pull-up resistor to V
CC is also recommended for the
LM810, if RESET is required to remain valid for V
CC < 1V.
Negative-Going V
CC Transients
The
LM809/810
are
relatively
immune
to
short
negative-going transients or glitches on V
CC. Figure 2 shows
the maximum pulse width a negative-going V
CC transient
can have without causing a reset pulse. In general, as the
magnitude of the transient increases, going further below the
threshold, the maximum allowable pulse width decreases.
Typically, for the 4.63V and 4.38V version of the LM809/810,
aV
CC transient that goes 100mV below the reset threshold
and lasts 20µs or less will not cause a reset pulse. A 0.1 µF
bypass capacitor mounted as close as possible to the V
CC
pin will provide additional transient rejection.
Interfacing to µPs with Bidirectional Reset Pins
Microprocessors with bidirectional reset pins, such as the
Motorola 68HC11 series, can be connected to the LM809
RESET output. To ensure a correct output on the LM809
even when the microprocessor reset pin is in the opposite
state, connect a 4.7k
Ω resistor between the LM809 RESET
output and the µP reset pin, as shown in Figure 3. Buffer the
LM809 RESET output to other system components.
LLP Mounting
The LLP package requires special mounting techniques
which are detailed in National Semiconductor Application
Note AN-1187. Referring to the section PCB Design Recom-
mendations, it should be noted that the pad style which
should be used with the LLP package is the NSMD (non-
solder mask defined) type.
10105710
FIGURE 1. RESET Valid to V
CC = Ground Circuit
10105709
FIGURE 2. Maximum Transient Duration without
Causing a Reset Pulse vs. Reset Comparator
Overdrive
10105711
FIGURE 3. Interfacing to Microprocessors with
Bidirectional Reset I/O
www.national.com
6


Similar Part No. - LM809M3X-2.45

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM809M3X-2.63 TI-LM809M3X-2.63 Datasheet
818Kb / 14P
[Old version datasheet]   LM809/LM810 3-Pin Microprocessor Reset Circuits
LM809M3X-2.63/NOPB TI1-LM809M3X-2.63/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LM809/LM810 3-Pin Microprocessor Reset Circuits
LM809M3X-2.93 TI-LM809M3X-2.93 Datasheet
818Kb / 14P
[Old version datasheet]   LM809/LM810 3-Pin Microprocessor Reset Circuits
LM809M3X-2.93/NOPB TI1-LM809M3X-2.93/NOPB Datasheet
1Mb / 18P
[Old version datasheet]   LM809/LM810 3-Pin Microprocessor Reset Circuits
More results

Similar Description - LM809M3X-2.45

ManufacturerPart #DatasheetDescription
logo
Union Semiconductor, In...
UM803 UNIONSEMI-UM803 Datasheet
332Kb / 11P
   3-Pin Microprocessor Reset Circuits
logo
ACE Technology Co., LTD...
ACE803ND ACE-ACE803ND Datasheet
926Kb / 9P
   3-Pin Microprocessor Reset Circuits
VER 1.1
logo
Maxim Integrated Produc...
MAX803 MAXIM-MAX803 Datasheet
870Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 11; 10/17
logo
BCD Semiconductor Manuf...
AZ809,810 BCDSEMI-AZ809,810 Datasheet
572Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Maxim Integrated Produc...
MAX803L MAXIM-MAX803L_10 Datasheet
145Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 7; 2/10
logo
Diodes Incorporated
APX809 DIODES-APX809_09 Datasheet
128Kb / 9P
   3-PIN MICROPROCESSOR RESET CIRCUITS
APX809/810 Rev. 4
logo
Maxim Integrated Produc...
MAX809MEUR MAXIM-MAX809MEUR Datasheet
162Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 5; 1/01
MAX809SEUR-T MAXIM-MAX809SEUR-T Datasheet
194Kb / 8P
   3-Pin Microprocessor Reset Circuits
Rev 8; 12/12
logo
Analog Intergrations Co...
AIC809 AIC-AIC809 Datasheet
414Kb / 8P
   3-PIN MICROPROCESSOR RESET CIRCUITS
logo
Union Semiconductor, In...
UM809 UNIONSEMI-UM809 Datasheet
322Kb / 15P
   3-Pin Microprocessor Reset Circuits
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com