Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE2546 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE2546
Description  Silicon Complementary Transistors Darlington, High Speed Driver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE2546 Datasheet(HTML) 2 Page - NTE Electronics

  NTE2546 Datasheet HTML 1Page - NTE Electronics NTE2546 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics (Cont’d): (TA = +25°C unless otherwise specified)
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Turn–On Time
ton
VCC = 20V, VBE = –5V,
0.3
µs
Storage Time
NTE2545
tstg
500IB1 = –500IB2 = IC = 2A,
Pulse Width = 50
µs,
Duty Cycle
≤ 1%, Note 1
1.2
µs
NTE2546
Duty Cycle
≤ 1%, Note 1
1.3
µs
Fall Time
tf
0.2
µs
Note 1. For NTE2546, the polarity is reversed.
NTE2545
(NPN)
NTE2546
(PNP)
B
C
E
B
C
E
.250 (6.35)
Max
.500
(12.7)
Max
.500
(12.7)
Min
.110 (2.79)
.420 (10.67)
Max
.070 (1.78) Max
Base
.100 (2.54)
Collector/Tab
Emitter
.147 (3.75)
Dia Max


Similar Part No. - NTE2546

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE254 NTE-NTE254 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Power Amplifier
NTE2540 NTE-NTE2540 Datasheet
22Kb / 2P
   Silicon NPN Transistor Darlington, High Voltage Switch
NTE2541 NTE-NTE2541 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, Motor/Relay Driver
NTE2542 NTE-NTE2542 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, Motor/Relay Driver
NTE2543 NTE-NTE2543 Datasheet
20Kb / 2P
   Silicon NPN Transistor Darlington, Motor/Relay Driver
More results

Similar Description - NTE2546

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE2341 NTE-NTE2341 Datasheet
23Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2547 NTE-NTE2547 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2554 NTE-NTE2554 Datasheet
20Kb / 2P
   Silicon Complementary Transistors Darlington Driver
NTE2551 NTE-NTE2551 Datasheet
24Kb / 2P
   Silicon Complementary Transistors Darlington Driver, Switch
NTE2541 NTE-NTE2541 Datasheet
21Kb / 2P
   Silicon Complementary Transistors Darlington, Motor/Relay Driver
NTE2559 NTE-NTE2559 Datasheet
22Kb / 2P
   Silicon Complementary Transistors Darlington, Motor/Relay Driver
logo
New Jersey Semi-Conduct...
2N6034 NJSEMI-2N6034 Datasheet
133Kb / 1P
   COMPLEMENTARY SILICON DARLINGTON TRANSISTORS
logo
Central Semiconductor C...
CMPTA13 CENTRAL-CMPTA13 Datasheet
101Kb / 2P
   complementary silicon darlington transistors
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
MJD112 STMICROELECTRONICS-MJD112 Datasheet
84Kb / 6P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com