Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6248 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6248
Description  2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6248 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6248 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6248 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6248 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6248 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
1.2 in [30.48 mm]
Width
0.8 in [20.32 mm]
.
Weight
0.089 lbs [40.37 g]
.
Configuration
Connector
N Male
Material Specifications
Description
Material
Plating
Connector 1 Contact
Brass
Gold
Insulation
PTFE
Body
Brass
Tri-Metal
Coupling Nut
Brass
Tri-Metal
Housing
Brass
Tri-Metal
.
Environmental Specifications
Temperature
Operating Range
-65 to +125 deg C
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PE6248
PE6248 REV 1.2
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass PE6248
RF Terminations Technical Data Sheet
2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass


Similar Part No. - PE6248

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6248 PASTERNACK-PE6248 Datasheet
310Kb / 2P
   Low Power 2 Watts RF Load Up To 6 GHz With N Male Input
More results

Similar Description - PE6248

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
   2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
PE6196 PASTERNACK-PE6196_16 Datasheet
423Kb / 4P
   2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
PE6229 PASTERNACK-PE6229_16 Datasheet
418Kb / 3P
   2 Watt RF Load Up to 6 GHz With TNC Female Input Tri-Metal Plated Brass
PE6249 PASTERNACK-PE6249 Datasheet
308Kb / 2P
   Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
PE6241 PASTERNACK-PE6241_16 Datasheet
422Kb / 4P
   1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
   2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
PE6100 PASTERNACK-PE6100_16 Datasheet
426Kb / 4P
   5 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Tri-Metal Plated Brass
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
   50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
   50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6139 PASTERNACK-PE6139_16 Datasheet
335Kb / 3P
   5 Watt RF Load Up to 7 GHz with 7/16 DIN Female Tri-Metal Plated Brass
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com