Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6230 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE6230
Description  N Male Input High Power Black Anodized Aluminum Heatsink
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6230 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE6230_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6230_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6230_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6230_16 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Features
• High Power RF Load
• DC to 3 GHz Frequency Range
• VSWR 1.25:1 Max
• Max Power 200 Watt (CW)
• N Male Coaxial Interface
Applications
• Wireless
• SatCom
• Radar Systems
• Test and Measurement
• Commercial and Military
Communication
.
Description
Pasternack’s PE6230 is an RF termination (also called RF load or dummy load) that operates from DC to 3 GHz and handles
up to 200 Watt (CW). Our N termination / load has a male gender. PE6230 N load termination offers 1.25:1 max VSWR. This
Pasternack high power 200W N terminator has a heatsink body which is designed to provide adequate heat dissipation within
its full frequency of operation.
RF load / terminations are indispensable components in many RF, microwave and millimeter wave systems where signal
reflection from unused ports can potentially damage the device or reduce the signal integrity. By using a terminator on an
unused port with a matched load (dummy load), the incident energy will be absorbed with minimal reflection. These termination
components are commonly used to terminate devices such as couplers, circulators, and switches. They are also widely used
in measurement systems to ensure accurate results. Pasternack offers a huge selection of RF, microwave and millimeter wave
terminations up to 65 GHz with excellent performance over the entire operating range and power handling capabilities up to
800 Watt (CW).
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
3
GHz
Impedance
50
Ohms
VSWR
1.25:1
Passive Intermodulation
-100
dBc
Input Power (CW)
200
Watts
derated linearly to 20W at +125°C
Input Power (Peak)
10
KWatts
5µs pulse, 2% duty cycle
.
Electrical Specification Notes:
Passive intermodulation measured with two 20W signals at 935 MHz and 960 MHz.
PE6230
PE6230 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: High Power 200 Watt RF Load Up to 3 GHz With N Male Input High Power Black Anodized
Aluminum Heatsink PE6230
RF Terminations Technical Data Sheet
High Power 200 Watt RF Load Up to 3 GHz With N Male Input
High Power Black Anodized Aluminum Heatsink


Similar Part No. - PE6230_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6230 PASTERNACK-PE6230 Datasheet
204Kb / 3P
   High Power 200 Watts RF Load Up To 3 GHz With N Male Input High Power Black Anodized Aluminum Heatsink
More results

Similar Description - PE6230_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6231 PASTERNACK-PE6231_16 Datasheet
447Kb / 4P
   N Female Input High Power Black Anodized Aluminum Heatsink
PE6234 PASTERNACK-PE6234_16 Datasheet
441Kb / 4P
   N Female Input Round Body Black Anodized Aluminum Heatsink
PE6230 PASTERNACK-PE6230 Datasheet
204Kb / 3P
   High Power 200 Watts RF Load Up To 3 GHz With N Male Input High Power Black Anodized Aluminum Heatsink
PE6097 PASTERNACK-PE6097_16 Datasheet
427Kb / 3P
   5 Watt RF Load Up to 18 GHz With N Male Input Black Anodized Aluminum Heatsink
PE7010-2 PASTERNACK-PE7010-2_16 Datasheet
241Kb / 4P
   2 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7014-2 PASTERNACK-PE7014-2_16 Datasheet
234Kb / 3P
   2 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7015-20 PASTERNACK-PE7015-20_16 Datasheet
239Kb / 3P
   20 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7017-40 PASTERNACK-PE7017-40_16 Datasheet
241Kb / 3P
   40 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7048-1 PASTERNACK-PE7048-1_16 Datasheet
240Kb / 3P
   1 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
PE7014-1 PASTERNACK-PE7014-1_16 Datasheet
233Kb / 3P
   1 dB Fixed Attenuator, N Male to N Female Black Anodized Aluminum Heatsink Body
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com