Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2314MX Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2314MX
Description  1.2 GHz Frequency Synthesizer for RF Personal Communications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2314MX Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button LMX2314MX Datasheet HTML 7Page - National Semiconductor (TI) LMX2314MX Datasheet HTML 8Page - National Semiconductor (TI) LMX2314MX Datasheet HTML 9Page - National Semiconductor (TI) LMX2314MX Datasheet HTML 10Page - National Semiconductor (TI) LMX2314MX Datasheet HTML 11Page - National Semiconductor (TI) LMX2314MX Datasheet HTML 12Page - National Semiconductor (TI) LMX2314MX Datasheet HTML 13Page - National Semiconductor (TI) LMX2314MX Datasheet HTML 14Page - National Semiconductor (TI) LMX2314MX Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Functional Description (Continued)
SERIAL DATA INPUT TIMING
TLW11766 – 8
Notes
Parenthesis data indicates programmable reference divider data
Data shifted into register on clock rising edge
Data is shifted in MSB first
Test Conditions
The Serial Data Input Timing is tested using a symmetrical waveform around VCC 2 The test waveform has an edge rate of 06 Vns with
amplitudes of 22V
VCC e 27V and 26V
VCC e 55V
Phase Characteristics
In normal operation the FC pin is used to reverse the polari-
ty of the phase detector Both the internal and any external
charge pump are affected
Depending upon VCO characteristics FC pin should be set
accordingly
When VCO characteristics are like (1) FC should be set
HIGH or OPEN CIRCUIT
When VCO characteristics are like (2) FC should be set
LOW
When FC is set HIGH or OPEN CIRCUIT the monitor pin of
the phase comparator input fout is set to the reference
divider output fr When FC is set LOW fout is set to the
programmable divider output fp
VCO Characteristics
TLW11766 – 9
PHASE COMPARATOR AND INTERNAL CHARGE PUMP CHARACTERISTICS
TLW11766 – 10
Notes
Phase difference detection range b2q to a2q
The minimum width pump up and pump down current pulses occur at the Do pin when the loop is locked
FC e HIGH
11


Similar Part No. - LMX2314MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2310 NSC-LMX2310 Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2310U NSC-LMX2310U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2310USLDX NSC-LMX2310USLDX Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2311 NSC-LMX2311 Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
LMX2311U NSC-LMX2311U Datasheet
662Kb / 29P
   PLLatinum??Ultra Low Power Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2314MX

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
   PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com