Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMX2315 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX2315
Description  1.2 GHz Frequency Synthesizer for RF Personal Communications
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX2315 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LMX2315 Datasheet HTML 1Page - National Semiconductor (TI) LMX2315 Datasheet HTML 2Page - National Semiconductor (TI) LMX2315 Datasheet HTML 3Page - National Semiconductor (TI) LMX2315 Datasheet HTML 4Page - National Semiconductor (TI) LMX2315 Datasheet HTML 5Page - National Semiconductor (TI) LMX2315 Datasheet HTML 6Page - National Semiconductor (TI) LMX2315 Datasheet HTML 7Page - National Semiconductor (TI) LMX2315 Datasheet HTML 8Page - National Semiconductor (TI) LMX2315 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
Electrical Characteristics VCC e 50V VP e 50V b40 C k TA k 85 C except as specified (Continued)
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDo-source
Charge Pump Output Current
VDo e VP 2
b
50
mA
IDo-sink
VDo e VP 2
50
mA
IDo-Tri
Charge Pump TRI-STATE Current
05V s VDo s VP b 05V
b
25
25
nA
T e 85 C
IDo vs VDo
Charge Pump Output Current
05V s VDo s VP b 05V
Magnitude Variation vs Voltage
T e 25 C15
%
(Note 1)
IDo-sink vs
Charge Pump Output Current
VDo e VP 2
IDo-source
Sink vs Source Mismatch
T e 25 C10
%
(Note 2)
IDovs T
Charge Pump Output Current
b
40 C k T k 85 C
Magnitude Variation vs Temperature
VDo e VP 2
10
%
(Note 3)
VOH
High-Level Output Voltage
IOH eb10 mA
VCC b 08
V
VOL
Low-Level Output Voltage
IOL e 10 mA
04
V
VOH
High-Level Output Voltage (OSCOUT)IOH eb200 mAVCC b 08
V
VOL
Low-Level Output Voltage (OSCOUT)IOL e 200 mA
04
V
IOL
Open Drain Output Current (wp)VCC e 50V VOL e 04V
10
mA
IOH
Open Drain Output Current (wp)VOH e 55V
100
m
A
RON
Analog Switch ON Resistance (2315)
100
X
tCS
Data to Clock Set Up Time
See Data Input Timing
50
ns
tCH
Data to Clock Hold Time
See Data Input Timing
10
ns
tCWH
Clock Pulse Width High
See Data Input Timing
50
ns
tCWL
Clock Pulse Width Low
See Data Input Timing
50
ns
tES
Clock to Enable Set Up Time
See Data Input Timing
50
ns
tEW
Enable Pulse Width
See Data Input Timing
50
ns
Except OSCOUT
Notes 1 2 3
See related equations in Charge Pump Current Specification Definitions
5


Similar Part No. - LMX2315

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2315TM NSC-LMX2315TM Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2315TMX NSC-LMX2315TMX Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
More results

Similar Description - LMX2315

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LMX2315 NSC-LMX2315 Datasheet
409Kb / 22P
   Frequency Synthesizer for RF Personal Communications
LMX2323 NSC-LMX2323 Datasheet
185Kb / 12P
   PLLatinum 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX1501A NSC-LMX1501A Datasheet
367Kb / 22P
   PLLatinumTM 1.1 GHz Frequency Synthesizer for RF Personal Communications
LMX2322 NSC-LMX2322 Datasheet
216Kb / 14P
   PLLatinumTM 2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2324 NSC-LMX2324 Datasheet
157Kb / 12P
   PLLatinum??2.0 GHz Frequency Synthesizer for RF Personal Communications
LMX2346 NSC-LMX2346 Datasheet
606Kb / 27P
   PLLatinum??Frequency Synthesizer for RF Personal Communications
LMX2324A NSC-LMX2324A Datasheet
329Kb / 12P
   PLLatinum??2.2 GHz Frequency Synthesizer for RF Personal Communications (SL163188)
LMX2330A NSC-LMX2330A Datasheet
392Kb / 17P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2335 NSC-LMX2335 Datasheet
393Kb / 18P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
LMX2370 NSC-LMX2370 Datasheet
217Kb / 16P
   PLLatinum??Dual Frequency Synthesizer for RF Personal Communications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com