Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

3300-200 Datasheet(PDF) 3 Page - KR Electronics, Inc.

Part No. 3300-200
Description  2300 MHz Bandpass Filter
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  KR [KR Electronics, Inc.]
Homepage  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3300-200 Datasheet(HTML) 3 Page - KR Electronics, Inc.

  3300-200 Datasheet HTML 1Page - KR Electronics, Inc. 3300-200 Datasheet HTML 2Page - KR Electronics, Inc. 3300-200 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Page 3
© 2017 KR Electronics, Inc.
3300-200, Rev 0
KR Electronics 3300-200
KR Electronics, Inc.
Physical Dimensions
Specifications
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Parameter
Specification
Notes
Filter type
Bandpass
Center Frequency
2300 MHz
Insertion Loss at Fc
3.5 dBa max
2.8 dBa typical
1 dBc Bandwidth
200 MHz ±20%
3 dBc Bandwidth
250 MHz typical
40 dBc Bandwidth
490 MHz typical
60 dBc Bandwidth
720 MHz typical
Source and Load
50
Notes:
1. Surface mount package
2. Dimensions in inches
3. Maximum reflow temperature is 220° C for 10 sec maximum.


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn