Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K4C89183AF-GIFB Datasheet(PDF) 11 Page - Samsung semiconductor

Part # K4C89183AF-GIFB
Description  288Mb x18 Network-DRAM2 Specification
Download  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor

K4C89183AF-GIFB Datasheet(HTML) 11 Page - Samsung semiconductor

Back Button K4C89183AF-GIFB Datasheet HTML 7Page - Samsung semiconductor K4C89183AF-GIFB Datasheet HTML 8Page - Samsung semiconductor K4C89183AF-GIFB Datasheet HTML 9Page - Samsung semiconductor K4C89183AF-GIFB Datasheet HTML 10Page - Samsung semiconductor K4C89183AF-GIFB Datasheet HTML 11Page - Samsung semiconductor K4C89183AF-GIFB Datasheet HTML 12Page - Samsung semiconductor K4C89183AF-GIFB Datasheet HTML 13Page - Samsung semiconductor K4C89183AF-GIFB Datasheet HTML 14Page - Samsung semiconductor K4C89183AF-GIFB Datasheet HTML 15Page - Samsung semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 55 page
background image
K4C89183AF
- 11 -
REV. 0.7 Jan. 2005
AC Characteristics and Operating Conditions (Notes : 1, 2)
Symbol
Parameter
F6
FB
F5
Units Notes
Min
Max
Min
Max
Min
Max
tRC
Random Cycle Time
20.0
-
22.5
-
25
-
ns
3
tCK
Clock Cycle Time
CL = 4
4.0
6.0
4.5
6.0
5.0
6.0
3
CL = 5
3.33
6.0
3.75
6.0
4.5
6.0
3
CL = 6
3.0
6.0
3.33
6.0
4.0
6.0
3
tRAC
Random Access Time
-
20.0
-
22.5
-
25
3
tCH
Clock High Time
0.45*tCK
-
0.45*tCK
-
0.45*tCK
-3
tCL
Clock Low Time
0.45*tCK
-
0.45*tCK
-
0.45*tCK
-3
tCKQS
QS Access Time from CLK
-0.45
0.45
-0.45
0.45
-0.5
0.5
3, 8
tQSQ
Data Output Skew from QS
-
0.2
-
0.25
-
0.3
4
tAC
Data Access Time from CLK
-0.5
0.5
-0.5
0.5
-0.6
0.6
3, 8
tOH
Data Output Hold Time from CLK
-0.5
0.5
-0.5
0.5
-0.6
0.6
3, 8
tHP
CLK half period ( minium of Actual tCH, tCL)
min(tCH,
tCL)
-
min(tCH,
tCL)
-
min(tCH,
tCL)
-3
tQSP
QS(Read) Pulse Width
tHP-tQHS
-
tHP-tQHS
-
tHP-tQHS
-4, 8
tQSQV
Data Output Valid Time from QS
tHP-tQHS
-
tHP-tQHS
-
tHP-tQHS
-4, 8
tQHS
DQ, QS Hold skew factor
-
0.055x
tCK+0.17
-
0.055x
tCK+0.17
-
0.055x
tCK+0.17
tDQSS
DS(Write) Low to High Setup Time
0.8*tCK
1.2*tCK
0.8*tCK
1.2*tCK
0.8*tCK
1.2*tCK
3
tDSPRE
DS(Write) Preamble Pulse Width
0.4*tCK
-
0.4*tCK
-
0.4*tCK
-4
tDSPRES DS First Input Setup Time
0
-
0
-
0
-
3
tDSPREH DS First Low Input Hold Time
0.3*tCK
-
0.3*tCK
-
0.3*tCK
-3
tDSP
DS High or Low Input Pulse Width
0.45*tCK
0.55*tCK
0.45*tCK
0.55*tCK
0.45*tCK
0.55*tCK
4
tDSS
DS Input Falling Edge to Clock Setup
Time
CL = 4
0.75
-
0.8
-
1.0
-
3, 4
CL = 5
0.75
-
0.8
-
1.0
-
3, 4
CL = 6
0.75
-
0.8
-
1.0
-
3, 4
CL = 7
----
-
-
3, 4
tDSPST
DS(Write) Postamble Pulse Width
0.45*tCK
-
0.45*tCK
0.45*tCK
-4
tDSPSTH
DS(Write) Postamble Hold Time
CL = 4
0.75
-
0.8
-
1.0
-
3, 4
CL = 5
0.75
-
0.8
-
1.0
-
3, 4
CL = 6
0.75
-
0.8
-
1.0
3, 4
CL = 7
----
-
-
3, 4
tDS
Data Input Setup Time from DS
0.3
-
0.35
-
0.4
-
4
tDH
Data Input Hold Time from DS
0.3
-
0.35
-
0.4
-
4
tIS
Command / Address Input Setup Time
0.6
-
0.6
-
0.7
-
3
tIH
Command / Address Input Hold Time
0.6
-
0.6
-
0.7
-
3


Similar Part No. - K4C89183AF-GIFB

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
K4C89323AF-GCF5 SAMSUNG-K4C89323AF-GCF5 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-GCF6 SAMSUNG-K4C89323AF-GCF6 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-GCFB SAMSUNG-K4C89323AF-GCFB Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-TCF5 SAMSUNG-K4C89323AF-TCF5 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
K4C89323AF-TCF6 SAMSUNG-K4C89323AF-TCF6 Datasheet
1Mb / 58P
   2,097,152-WORDS x 4 BANKS x 36-BITS DOUBLE DATA RATE Network-DRAM
More results

Similar Description - K4C89183AF-GIFB

ManufacturerPart #DatasheetDescription
logo
Integrated Silicon Solu...
IS49NLS93200 ISSI-IS49NLS93200 Datasheet
596Kb / 34P
   288Mb (x9, x18) Separate I/O RLDRAM 2 Memory
IS49NLC93200 ISSI-IS49NLC93200 Datasheet
622Kb / 34P
   288Mb (x9, x18, x36) Common I/O RLDRAM 2 Memory
logo
Micron Technology
MT49H32M9 MICRON-MT49H32M9 Datasheet
2Mb / 76P
   288Mb: x9, x18, x36 2.5V VEXT, 1.8V VDD, HSTL, CIO, RLDRAM II
logo
GSI Technology
GS82582D38GE-400 GSI-GS82582D38GE-400 Datasheet
453Kb / 27P
   288Mb SigmaQuad-II 288Mb SigmaQuad-II
logo
Micron Technology
MT44K32M18 MICRON-MT44K32M18 Datasheet
6Mb / 111P
   576Mb: x18, x36 RLDRAM 3
MT49H8M36 MICRON-MT49H8M36 Datasheet
1Mb / 49P
   288Mb CIO Reduced Latency
logo
Seiko Instruments Inc
S-7600A SII-S-7600A Datasheet
371Kb / 60P
   Hardware Specification (TCP/IP Network Stack LSI)
logo
Integrated Device Techn...
IDT70P3307 IDT-IDT70P3307 Datasheet
882Kb / 20P
   1024K/512K x18 SYNCHRONOUS DUAL QDR-II
logo
Cypress Semiconductor
CY7C1352 CYPRESS-CY7C1352 Datasheet
187Kb / 12P
   256K x18 Pipelined SRAM with NoBL Architecture
logo
Bourns Electronic Solut...
2CTF BOURNS-2CTF Datasheet
126Kb / 3P
   Thin Film on Silicon 2CTF AC Terminator x18
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com