Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SSI-LXR4915SRD1215 Datasheet(PDF) 1 Page - LUMEX INC.

Part # SSI-LXR4915SRD1215
Description  10mm, 660mm SUPER RED LED PANEL INDICATOR
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUMEX [LUMEX INC.]
Direct Link  http://www.lumex.com
Logo LUMEX - LUMEX INC.

SSI-LXR4915SRD1215 Datasheet(HTML) 1 Page - LUMEX INC.

  SSI-LXR4915SRD1215 Datasheet HTML 1Page - LUMEX INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - SSI-LXR4915SRD1215

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXR4915SR13157 LUMEX-SSI-LXR4915SR13157 Datasheet
87Kb / 1P
   10mm, 660mm SUPER RED LED PANEL INDICATOR
More results

Similar Description - SSI-LXR4915SRD1215

ManufacturerPart #DatasheetDescription
logo
LUMEX INC.
SSI-LXR4915SR13157 LUMEX-SSI-LXR4915SR13157 Datasheet
87Kb / 1P
   10mm, 660mm SUPER RED LED PANEL INDICATOR
SSI-LXH1090SRD LUMEX-SSI-LXH1090SRD Datasheet
62Kb / 1P
   T-10mm 660mm SUPER RED LED PANEL INDICATOR
SSI-LXR3612SRD-150 LUMEX-SSI-LXR3612SRD-150 Datasheet
64Kb / 1P
   T-3mm 660mm SUPER RED LED PANEL INDICATOR
SSI-LXR3816SRD12V1 LUMEX-SSI-LXR3816SRD12V1 Datasheet
78Kb / 1P
   T-5mm 660mm SUPER RED LED PANEL INDICATOR
SSI-LXR3612SRD-300 LUMEX-SSI-LXR3612SRD-300 Datasheet
60Kb / 1P
   T-3mm 660mm SUPER RED LED PANEL INDICATOR
SSI-LXH8080SRD1215 LUMEX-SSI-LXH8080SRD1215 Datasheet
62Kb / 1P
   T-8mm 660mm SUPER RED PANEL INDICATOR LED
SSI-LXR1612SRD LUMEX-SSI-LXR1612SRD Datasheet
118Kb / 1P
   T-3mm 660mm SUPER RED LED PANEL INDICATOR
SSI-LXR3816SRD5VB1 LUMEX-SSI-LXR3816SRD5VB1 Datasheet
72Kb / 1P
   T-5mm 660mm SUPER RED LED PANEL INDICATOR
SSI-LXR3816SRDB150 LUMEX-SSI-LXR3816SRDB150 Datasheet
70Kb / 1P
   T-5mm 660mm SUPER RED LED PANEL INDICATOR
SSI-LXH8080-Q23534 LUMEX-SSI-LXH8080-Q23534 Datasheet
66Kb / 1P
   T-8mm 660mm SUPER RED PANEL INDICATOR LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com