Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI0402S-5N6F Datasheet(PDF) 1 Page - Superworld Electronics

Part # SCI0402S-5N6F
Description  WIREWOUND CHIP INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0402S-5N6F Datasheet(HTML) 1 Page - Superworld Electronics

  SCI0402S-5N6F Datasheet HTML 1Page - Superworld Electronics SCI0402S-5N6F Datasheet HTML 2Page - Superworld Electronics SCI0402S-5N6F Datasheet HTML 3Page - Superworld Electronics SCI0402S-5N6F Datasheet HTML 4Page - Superworld Electronics SCI0402S-5N6F Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
(a)
(c)
(b)
(e)
(d)
1. PART NO. EXPRESSION :
(b) Dimension code
(c) Type code : S ( Standard )
(a) Series code
2. CONFIGURATION & DIMENSIONS :
A
4. MATERIALS :
SUPERWORLD ELECTRONICS (S) PTE LTD
(a) Ceramic Core
(c) Electrode (Ag/Pd+Ni+Sn)
3. SCHEMATIC :
(d) Inductance code : 1N0 = 1.0nH
(e) Tolerance code : G = ± 2%, J = ± 5%, K = ± 10%
SCI0402S SERIES
WIREWOUND CHIP INDUCTORS
PG. 1
NOTE : Specifications subject to change without notice. Please check our website for latest information.
03.02.2015
PCB Pattern
1.27 Max.
0.61 Max.
0.15 Ref.
0.76 Max.
(b) Magnet Wire
0.23 Ref.
0.56 Ref.
0.66 Ref.
0.50 Ref.
0.51 Ref.
B
CDE
F
G
H
S C I 0 4 0 2 S - 1 N 0 K F
H
E
D
C
B
Unit:m/m
0.46 Ref.
J
I
(f) F : RoHS Compliant
(f)
b
d
a
c
(d) UV Glue


Similar Part No. - SCI0402S-5N6F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0402S-5N6 SUPERWORLD-SCI0402S-5N6 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0402S-5N6GF SUPERWORLD-SCI0402S-5N6GF Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S-5N6JF SUPERWORLD-SCI0402S-5N6JF Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S-5N6KF SUPERWORLD-SCI0402S-5N6KF Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI0402S-5N6F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com