Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCAN90004 Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # SCAN90004
Description  4-Channel LVDS Buffer/Repeater with Pre-Emphasis
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SCAN90004 Datasheet(HTML) 3 Page - Texas Instruments

  SCAN90004 Datasheet HTML 1Page - Texas Instruments SCAN90004 Datasheet HTML 2Page - Texas Instruments SCAN90004 Datasheet HTML 3Page - Texas Instruments SCAN90004 Datasheet HTML 4Page - Texas Instruments SCAN90004 Datasheet HTML 5Page - Texas Instruments SCAN90004 Datasheet HTML 6Page - Texas Instruments SCAN90004 Datasheet HTML 7Page - Texas Instruments SCAN90004 Datasheet HTML 8Page - Texas Instruments SCAN90004 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
SCAN90004
www.ti.com
SNLS182P – MAY 2005 – REVISED APRIL 2013
Pin Descriptions (continued)
Pin
TQFP Pin
I/O, Type
Description
Name
Number
PEM0
1
I, LVTTL
Pre-emphasis Control Inputs (affects all Channels)
PEM1
2
TDI
34
I, LVTTL
Test Data Input to support IEEE 1149.1 features
TDO
35
O, LVTTL
Test Data Output to support IEEE 1149.1 features
TMS
27
I, LVTTL
Test Mode Select to support IEEE 1149.1 features
TCK
26
I, LVTTL
Test Clock to support IEEE 1149.1 features
TRST
25
I, LVTTL
Test Reset to support IEEE 1149.1 features
POWER
VDD
3, 4, 5, 7, 10, 11, 28, 29, 32, 33
I, Power
VDD = 3.3V, ±5%
GND
8, 9, 17, 18, 23, 24, 37, 38, 43, 44
I, Power
Ground
N/C
6, 30, 31, 36
No Connect
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1)
Supply Voltage (VDD)
−0.3V to +4.0V
CMOS Input Voltage
-0.3V to (VDD+0.3V)
LVDS Input Voltage (2)
-0.3V to (VDD+0.3V)
LVDS Output Voltage
-0.3V to (VDD+0.3V)
LVDS Output Short Circuit Current
+40 mA
Junction Temperature
+150°C
Storage Temperature
−65°C to +150°C
Lead Temperature (Solder, 4sec)
260°C
Max Pkg Power Capacity @ 25°C
1.64W
Thermal Resistance (
θJA)
76°C/W
Package Derating above +25°C
13.2mW/°C
ESD Last Passing Voltage (LVDS output
HBM, 1.5k
Ω, 100pF
12kV
pins)
EIAJ, 0
Ω, 200pF
250V
ESD Last Passing Voltage (All other pins)
HBM, 1.5k
Ω, 100pF
8kV
EIAJ, 0
Ω, 200pF
250V
(1)
Absolute maximum ratings are those values beyond which damage to the device may occur. The databook specifications should be met,
without exception, to ensure that the system design is reliable over its power supply, temperature, and output/input loading variables. TI
does not recommend operation of products outside of recommended operation conditions.
(2)
VID max < 2.4V
Recommended Operating Conditions
Supply Voltage (VDD)
3.15V to 3.45V
Input Voltage (VI)
(1)
0V to VDD
Output Voltage (VO)
0V to VDD
Operating Temperature (TA) Industrial
−40°C to +85°C
(1)
VID max < 2.4V
Copyright © 2005–2013, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SCAN90004


Similar Part No. - SCAN90004

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004TVS NSC-SCAN90004TVS Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
More results

Similar Description - SCAN90004

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DS90LV004 TI1-DS90LV004_13 Datasheet
214Kb / 14P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 TI1-DS15BR400_15 Datasheet
895Kb / 19P
[Old version datasheet]   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
logo
National Semiconductor ...
DS90LV004 NSC-DS90LV004 Datasheet
547Kb / 7P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS15BR400 NSC-DS15BR400 Datasheet
645Kb / 11P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
DS90LV004 NSC-DS90LV004_07 Datasheet
251Kb / 12P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis
SCAN90004 NSC-SCAN90004_07 Datasheet
280Kb / 14P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
SCAN90004 NSC-SCAN90004 Datasheet
537Kb / 8P
   4-Channel LVDS Buffer/Repeater with Pre-Emphasis and IEEE 1149.6
DS25BR120 NSC-DS25BR120 Datasheet
404Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
DS25BR120_0711 NSC-DS25BR120_0711 Datasheet
406Kb / 14P
   3.125 Gbps LVDS Buffer with Transmit Pre-Emphasis
logo
Texas Instruments
DS25BR204 TI1-DS25BR204_15 Datasheet
1Mb / 21P
[Old version datasheet]   3.125 Gbps 1:4 LVDS Repeater with Transmit Pre-Emphasis and Receive Equalization
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com