Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G06DPW Datasheet(PDF) 5 Page - Texas Instruments

Part # SN74AUP1G06DPW
Description  Low-Power Single Inverter With Open-Drain Outputs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G06DPW Datasheet(HTML) 5 Page - Texas Instruments

  SN74AUP1G06DPW Datasheet HTML 1Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 2Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 3Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 4Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 5Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 6Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 7Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 8Page - Texas Instruments SN74AUP1G06DPW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 46 page
background image
5
SN74AUP1G06
www.ti.com
SCES590E – JULY 2004 – REVISED OCTOBER 2017
Product Folder Links: SN74AUP1G06
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report.
6.4 Thermal Information
THERMAL METRIC(1)
SN74AUP1G06
UNIT
DBV
(SOT-23)
DCK
(SC70)
DRL
(SOT-5X3)
DRY
(SON)
DPW
(X2SON)
DSF
(SON)
YFP
(DSBGA)
5 PINS
5 PINS
5 PINS
6 PINS
5 PINS
6 PINS
4 PINS
RθJA
Junction-to-ambient thermal resistance
230.5
303.6
295.1
342.1
504.3
377.1
179.3
°C/W
RθJC(top) Junction-to-case (top) thermal resistance
172.7
203.8
131.0
233.1
234.9
187.7
2.8
°C/W
RθJB
Junction-to-board thermal resistance
62.2
100.9
143.9
206.7
370.3
236.6
58.3
°C/W
ψJT
Junction-to-top characterization parameter
49.3
76.1
14.7
63.4
44.5
29.0
1.1
°C/W
ψJB
Junction-to-board characterization parameter
61.6
99.3
144.4
206.7
369.7
236.3
58.6
°C/W
RθJC(bot) Junction-to-case (bottom) thermal resistance
N/A
N/A
N/A
N/A
165.2
N/A
N/A
°C/W
6.5 Electrical Characteristics
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
UNIT
VOL
IOL = 20 µA
TA = 25°C
0.8 V to 3.6 V
0.1
V
TA = –40°C to +85°C
0.1
IOL = 1.1 mA
TA = 25°C
1.1 V
0.3 × VCC
TA = –40°C to +85°C
0.3 × VCC
IOL = 1.7 mA
TA = 25°C
1.4 V
0.31
TA = –40°C to +85°C
0.37
IOL = 1.9 mA
TA = 25°C
1.65 V
0.31
TA = –40°C to +85°C
0.35
IOL = 2.3 mA
TA = 25°C
2.3 V
0.31
TA = –40°C to +85°C
0.33
IOL = 3.1 mA
TA = 25°C
0.44
TA = –40°C to +85°C
0.45
IOL = 2.7 mA
TA = 25°C
3 V
0.31
TA = –40°C to +85°C
0.33
IOL = 4 mA
TA = 25°C
0.44
TA = –40°C to +85°C
0.45
II
A input
VI = GND to 3.6 V
TA = 25°C
0 V to 3.6 V
0.1
µA
TA = –40°C to +85°C
0.5
Ioff
VI or VO = 0 V to 3.6 V
TA = 25°C
0 V
0.2
µA
TA = –40°C to +85°C
0.6
ΔIoff
VI or VO = 0 V to 3.6 V
TA = 25°C
0 V to 0.2 V
0.2
µA
TA = –40°C to +85°C
0.6
ICC
VI = GND or VCC to 3.6 V,
IO = 0
TA = 25°C
0.8 V to 3.6 V
0.5
µA
TA = –40°C to +85°C
0.9
ΔICC
VI = VCC – 0.6 V,
IO = 0
TA = 25°C
3.3 V
40
µA
TA = –40°C to +85°C
50
Ci
VI = VCC or GND, TA = 25°C
0 V
1.5
pF
3.6 V
1.7
Co
VO = GND, TA = 25°C
0 V
1.7
pF


Similar Part No. - SN74AUP1G06DPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06DPW TI1-SN74AUP1G06DPW Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results

Similar Description - SN74AUP1G06DPW

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_17 Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06 Datasheet
60Kb / 6P
   Single Inverter with Open Drain Outputs
January, 2005 ??Rev. 3
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ05 ONSEMI-NL17SZ05_18 Datasheet
186Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 0
NLV17SZ06 ONSEMI-NLV17SZ06 Datasheet
71Kb / 5P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 0
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com