Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G06DRY Datasheet(PDF) 8 Page - Texas Instruments

Part # SN74AUP1G06DRY
Description  Low-Power Single Inverter With Open-Drain Outputs
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G06DRY Datasheet(HTML) 8 Page - Texas Instruments

Back Button SN74AUP1G06DRY Datasheet HTML 4Page - Texas Instruments SN74AUP1G06DRY Datasheet HTML 5Page - Texas Instruments SN74AUP1G06DRY Datasheet HTML 6Page - Texas Instruments SN74AUP1G06DRY Datasheet HTML 7Page - Texas Instruments SN74AUP1G06DRY Datasheet HTML 8Page - Texas Instruments SN74AUP1G06DRY Datasheet HTML 9Page - Texas Instruments SN74AUP1G06DRY Datasheet HTML 10Page - Texas Instruments SN74AUP1G06DRY Datasheet HTML 11Page - Texas Instruments SN74AUP1G06DRY Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 46 page
background image
V
M
FromOutput
UnderTest
C
(seeNote A)
L
LOADCIRCUIT
1M W
VOLTAGEWAVEFORMS
PROPAGATIONDELAY TIMES
INVERTING ANDNONINVERTINGOUTPUTS
t
PLH
t
PHL
t
PHL
t
PLH
V
OH
V
OH
V
OL
V
OL
V
I
0V
Input
Output
Output
NOTES: A .C includesprobeandjigcapacitance.
L
B. Allinputpulsesaresuppliedbygeneratorshavingthefollowingcharacteristics:PRR
10MHz,Z =50
,t /t =3ns.
£
W
O
r f
C. Theoutputsaremeasuredoneatatime,withonetransitionpermeasurement.
D.t
andt
arethesameast .
PLH
PHL
pd
E. Allparametersandwaveformsarenotapplicabletoalldevices.
V
M
V
M
V
M
V
M
V
M
5,10,15,30pF
V
/2
CC
V
CC
V
=1.2V
0.1V
CC
±
V
=0.8V
CC
V
=1.5V
0.1V
CC
±
V
=1.8V
0.15V
CC
±
V
=2.5V
0.2V
CC
±
V
=3.3V
0.3V
CC
±
5,10,15,30pF
V
/2
CC
V
CC
5,10,15,30pF
V
/2
CC
V
CC
5,10,15,30pF
V
/2
CC
V
CC
C
L
V
M
V
I
5,10,15,30pF
V
/2
CC
V
CC
5,10,15,30pF
V
/2
CC
V
CC
t
h
t
su
DataInput
TimingInput
V
CC
0V
V
CC
0V
0V
t
w
Input
VOLTAGEWAVEFORMS
SETUP ANDHOLDTIMES
VOLTAGEWAVEFORMS
PULSEDURATION
V
/2
CC
V
/2
CC
V
/2
CC
V
/2
CC
V
CC
V
/2
CC
8
SN74AUP1G06
SCES590E – JULY 2004 – REVISED OCTOBER 2017
www.ti.com
Product Folder Links: SN74AUP1G06
Submit Documentation Feedback
Copyright © 2004–2017, Texas Instruments Incorporated
7 Parameter Measurement Information
Figure 3. Load Circuit And Voltage Waveforms - Propagation Delays, Setup And Hold Times, And Pulse
Width


Similar Part No. - SN74AUP1G06DRY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06DRY TI1-SN74AUP1G06DRY Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
SN74AUP1G06DRYR TI-SN74AUP1G06DRYR Datasheet
927Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DRYR TI1-SN74AUP1G06DRYR Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
SN74AUP1G06DRYR TI1-SN74AUP1G06DRYR Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
More results

Similar Description - SN74AUP1G06DRY

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_17 Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With Open-Drain Outputs
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_12 Datasheet
107Kb / 6P
   Single Inverter with Open Drain Outputs
April, 2012 ??Rev. 7
NL17SZ05 ONSEMI-NL17SZ05 Datasheet
104Kb / 5P
   Single Inverter with Open Drain Outputs
November, 2013 ??Rev. P0
NL17SZ06 ONSEMI-NL17SZ06_15 Datasheet
77Kb / 6P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 9
NL17SZ06 ONSEMI-NL17SZ06 Datasheet
60Kb / 6P
   Single Inverter with Open Drain Outputs
January, 2005 ??Rev. 3
logo
Unisonic Technologies
U74HC1G06 UTC-U74HC1G06 Datasheet
179Kb / 5P
   SINGLE INVERTER WITH OPEN-DRAIN OUTPUTS
logo
ON Semiconductor
NL17SZ06 ONSEMI-NL17SZ06_18 Datasheet
190Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 10
NL17SZ05 ONSEMI-NL17SZ05_18 Datasheet
186Kb / 13P
   Single Inverter with Open Drain Outputs
November, 2018 ??Rev. 0
NLV17SZ06 ONSEMI-NLV17SZ06 Datasheet
71Kb / 5P
   Single Inverter with Open Drain Outputs
December, 2015 ??Rev. 0
logo
Texas Instruments
SN74AUP1G06 TI1-SN74AUP1G06_15 Datasheet
1Mb / 24P
[Old version datasheet]   LOW-POWER SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com