Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74AUP1G240DBV Datasheet(PDF) 9 Page - Texas Instruments

Part # SN74AUP1G240DBV
Description  Low-Power Single Inverter With 3-State Output
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AUP1G240DBV Datasheet(HTML) 9 Page - Texas Instruments

Back Button SN74AUP1G240DBV Datasheet HTML 5Page - Texas Instruments SN74AUP1G240DBV Datasheet HTML 6Page - Texas Instruments SN74AUP1G240DBV Datasheet HTML 7Page - Texas Instruments SN74AUP1G240DBV Datasheet HTML 8Page - Texas Instruments SN74AUP1G240DBV Datasheet HTML 9Page - Texas Instruments SN74AUP1G240DBV Datasheet HTML 10Page - Texas Instruments SN74AUP1G240DBV Datasheet HTML 11Page - Texas Instruments SN74AUP1G240DBV Datasheet HTML 12Page - Texas Instruments SN74AUP1G240DBV Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
9
SN74AUP1G240
www.ti.com
SCES627D – MARCH 2005 – REVISED OCTOBER 2017
Product Folder Links: SN74AUP1G240
Submit Documentation Feedback
Copyright © 2005–2017, Texas Instruments Incorporated
6.8 Switching Characteristics: CL = 15 pF
over recommended operating free-air temperature range, CL = 15 pF (unless otherwise noted) (see Figure 2 and Figure 3)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tpd
A
Y
VCC= 0.8 V
TA = 25°C
22.4
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
6.4
9.7
12.9
TA = –40°C to +85°C
5.4
19.8
VCC = 1.5 V ± 0.1 V
TA = 25°C
4.8
7.1
8.7
TA = –40°C to +85°C
3.8
13.3
VCC = 1.8 V ± 0.15 V
TA = 25°C
3.9
5.8
7.2
TA = –40°C to +85°C
3.1
10.8
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.9
4.4
5.4
TA = –40°C to +85°C
2.3
7.6
VCC = 3.3 V ± 0.3 V
TA = 25°C
2.4
3.6
4.5
TA = –40°C to +85°C
1.9
6.1
ten
OE
Y
VCC = 0.8 V
TA = 25°C
23.3
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
6
10.1
15.8
TA = –40°C to +85°C
4.6
22.9
VCC = 1.5 V ± 0.1 V
TA = 25°C
4.9
7
9.9
TA = –40°C to +85°C
3.9
15
VCC = 1.8 V ± 0.15 V
TA = 25°C
4
5.5
7.5
TA = –40°C to +85°C
3.3
12.1
VCC = 2.5 V ± 0.2 V
TA = 25°C
3.2
4
4.9
TA = –40°C to +85°C
2.6
8.6
VCC = 3.3 V ± 0.3 V
TA = 25°C
2.8
3.4
4
TA = –40°C to +85°C
2.2
7
tdis
OE
Y
VCC = 0.8 V
TA = 25°C
11.1
ns
VCC = 1.2 V ± 0.1 V
TA = 25°C
4.1
5.3
5.8
TA = –40°C to +85°C
3
14
VCC = 1.5 V ± 0.1 V
TA = 25°C
2.7
4
5.5
TA = –40°C to +85°C
2.4
10.1
VCC = 1.8 V ± 0.15 V
TA = 25°C
3.1
4.5
5.4
TA = –40°C to +85°C
2.9
10.9
VCC = 2.5 V ± 0.2 V
TA = 25°C
2.4
3
3.2
TA = –40°C to +85°C
1.6
7.9
VCC = 3.3 V ± 0.3 V
TA = 25°C
3.3
4.7
5.4
TA = –40°C to +85°C
3
10


Similar Part No. - SN74AUP1G240DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240DBV TI1-SN74AUP1G240DBV Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240DBVR TI-SN74AUP1G240DBVR Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240DBVR TI-SN74AUP1G240DBVR Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240DBVR TI1-SN74AUP1G240DBVR Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240DBVT TI-SN74AUP1G240DBVT Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results

Similar Description - SN74AUP1G240DBV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AUP1G240 TI1-SN74AUP1G240_17 Datasheet
1Mb / 44P
[Old version datasheet]   Low-Power Single Inverter With 3-State Output
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC368 RENESAS-HD74AC368 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
HD74AC366 RENESAS-HD74AC366 Datasheet
194Kb / 6P
   Hex Inverter Buffer with 3-State Output
logo
Hitachi Semiconductor
HD74AC366 HITACHI-HD74AC366 Datasheet
54Kb / 8P
   Hex Inverter Buffer with 3-State Output
HD74AC368 HITACHI-HD74AC368 Datasheet
53Kb / 8P
   Hex Inverter Buffer with 3-State Output
logo
Texas Instruments
SN74AUP1G126 TI1-SN74AUP1G126_17 Datasheet
1Mb / 40P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125 TI1-SN74AUP1G125_17 Datasheet
1Mb / 43P
[Old version datasheet]   Low-Power Single Bus Buffer Gate With 3-State Output
SN74AUP1G125YZTR TI1-SN74AUP1G125YZTR Datasheet
1Mb / 29P
[Old version datasheet]   LOW-POWER SINGLE BUS BUFFER GATE WITH 3-STATE OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com