Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2810IDGKR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2810IDGKR
Description  Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2810IDGKR Datasheet(HTML) 3 Page - Texas Instruments

  OPA2810IDGKR Datasheet HTML 1Page - Texas Instruments OPA2810IDGKR Datasheet HTML 2Page - Texas Instruments OPA2810IDGKR Datasheet HTML 3Page - Texas Instruments OPA2810IDGKR Datasheet HTML 4Page - Texas Instruments OPA2810IDGKR Datasheet HTML 5Page - Texas Instruments OPA2810IDGKR Datasheet HTML 6Page - Texas Instruments OPA2810IDGKR Datasheet HTML 7Page - Texas Instruments OPA2810IDGKR Datasheet HTML 8Page - Texas Instruments OPA2810IDGKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
OUT1
8
VS+
2
IN1-
7
OUT2
3
IN1+
6
IN2-
4
VS-
5
IN2+
Not to scale
3
OPA2810
www.ti.com
SBOS789 – AUGUST 2017
Product Folder Links: OPA2810
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCN and DGK Packages
8-Pin SOT-23 and VSSOP Surface-Mount
Top View
(1)
I = input, O = output, and P = power.
Pin Functions
PIN
I/O(1)
DESCRIPTION
NAME
SOT-23-8
VSSOP-8
OUT1
1
1
O
Output of amplifier 1
IN1-
2
2
I
Inverting input of amplifier 1
IN1+
3
3
I
Noninverting input of amplifier 1
VS-
4
4
P
Negative power supply
IN2+
5
5
I
Noninverting input of amplifier 2
IN2-
6
6
I
Inverting input of amplifier 2
OUT2
7
7
O
Output of amplifier 2
VS+
8
8
P
Positive power supply


Similar Part No. - OPA2810IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2810IDGKR TI1-OPA2810IDGKR Datasheet
395Kb / 26P
[Old version datasheet]   OPA2810 Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810IDGKR TI1-OPA2810IDGKR Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810IDGKR TI1-OPA2810IDGKR Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810IDGKR TI1-OPA2810IDGKR Datasheet
2Mb / 50P
[Old version datasheet]   Dual-Channel, 27-V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results

Similar Description - OPA2810IDGKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2810 TI1-OPA2810 Datasheet
395Kb / 26P
[Old version datasheet]   OPA2810 Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
[Old version datasheet]   OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
[Old version datasheet]   OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
LM7332 TI-LM7332_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM7332 Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810_1812 TI1-OPA2810_1812 Datasheet
2Mb / 50P
[Old version datasheet]   Dual-Channel, 27-V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com