Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA375IDCKT Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # OPA375IDCKT
Description  500-uV (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA375IDCKT Datasheet(HTML) 3 Page - Texas Instruments

  OPA375IDCKT Datasheet HTML 1Page - Texas Instruments OPA375IDCKT Datasheet HTML 2Page - Texas Instruments OPA375IDCKT Datasheet HTML 3Page - Texas Instruments OPA375IDCKT Datasheet HTML 4Page - Texas Instruments OPA375IDCKT Datasheet HTML 5Page - Texas Instruments OPA375IDCKT Datasheet HTML 6Page - Texas Instruments OPA375IDCKT Datasheet HTML 7Page - Texas Instruments OPA375IDCKT Datasheet HTML 8Page - Texas Instruments OPA375IDCKT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
1
2
3
5
4
V+
OUT
+IN
V
-
-
IN
3
OPA375
www.ti.com
SBOS886 – NOVEMBER 2017
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
5 Pin Configuration and Functions
DCK Package
5-Pin SC70
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
+IN
1
I
Noninverting input
–IN
3
I
Inverting input
OUT
4
O
Output
V+
5
Positive (highest) supply
V–
2
Negative (lowest) supply


Similar Part No. - OPA375IDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA375IDCKT TI1-OPA375IDCKT Datasheet
2Mb / 45P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375IDCKT TI1-OPA375IDCKT Datasheet
3Mb / 51P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375IDCKT TI1-OPA375IDCKT Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375IDCKT TI-OPA375IDCKT Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375IDCKT TI-OPA375IDCKT Datasheet
5Mb / 64P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
More results

Similar Description - OPA375IDCKT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV6741 TI1-TLV6741 Datasheet
440Kb / 16P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_17 Datasheet
1Mb / 28P
[Old version datasheet]   10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V01 Datasheet
2Mb / 45P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V02 Datasheet
3Mb / 51P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI1-OPA375_V03 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V04 Datasheet
4Mb / 57P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
OPA375 TI-OPA375_V05 Datasheet
5Mb / 64P
[Old version datasheet]   OPA375, OPA2375, OPA4375 500-關V (Maximum), 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
TLV6741 TI-TLV6741_V06 Datasheet
5Mb / 64P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
REVISED AUGUST 2021
TLV6741 TI1-TLV6741_V02 Datasheet
4Mb / 55P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
TLV6741 TI1-TLV6741_V03 Datasheet
4Mb / 58P
[Old version datasheet]   TLV6741, TLV6742, TLV6744 10-MHz, Low Broadband Noise, RRO, Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com