Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA2810 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA2810
Description  Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA2810 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA2810 Datasheet HTML 6Page - Texas Instruments OPA2810 Datasheet HTML 7Page - Texas Instruments OPA2810 Datasheet HTML 8Page - Texas Instruments OPA2810 Datasheet HTML 9Page - Texas Instruments OPA2810 Datasheet HTML 10Page - Texas Instruments OPA2810 Datasheet HTML 11Page - Texas Instruments OPA2810 Datasheet HTML 12Page - Texas Instruments OPA2810 Datasheet HTML 13Page - Texas Instruments OPA2810 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 28 page
background image
10
OPA2810
SBOS789 – AUGUST 2017
www.ti.com
Product Folder Links: OPA2810
Submit Documentation Feedback
Copyright © 2017, Texas Instruments Incorporated
Electrical Characteristics: ±12 V (continued)
at TA = 25°C, VS+ = 12 V, VS– = –12 V, G = 2, VCM = 0 V, RF = 1 kΩ, RL = 1 kΩ, and CL = 5 pF (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TEST
LEVEL
VOCRH
Output voltage range high
TA = 25°C
(VS+) –
0.2
(VS+) –
0.1
V
A
TA = –40°C to +125°C
(VS+) –
0.5
C
VOCRL
Output voltage range low
TA = 25°C
(VS–) +
0.2
(VS–) +
0.1
V
A
TA = –40°C to +125°C
(VS–) +
0.5
C
IO_max
Linear output drive
VCM = mid-supply, pulling current until
VOS = 20 mV (TBD)
40
50
mA
A
TA = –40°C to +125°C
30
A
ISC
Output short-circuit current
80
100
mA
A
CLOAD
Capacitive load drive
G = 1, 30% overshoot
50
pF
C
POWER SUPPLY
VS
Operating voltage
TA = 25°C
4.75
27
V
A
IQ
Quiescent current per channel
TA = 25°C
3.5
mA
A
TA = –40°C to +125°C
3.2
3.8
B
PSRR
VS = ±2 V
85
100
dB
A
THERMAL CHARACTERISTICS
Specified operating temperature
range
–40
125
°C
C
CHANNEL MATCHING (FOR DUAL OPA2810 ONLY)
Channel-to-channel crosstalk
f = 10 kHz
–120
dBc
C
f = 1 MHz
–90
C
Input offset voltage match
TA = 25°C
0.5
1.5
mV
A


Similar Part No. - OPA2810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2810 TI1-OPA2810 Datasheet
395Kb / 26P
[Old version datasheet]   OPA2810 Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810 TI1-OPA2810 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810 TI1-OPA2810 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810 TI1-OPA2810 Datasheet
2Mb / 50P
[Old version datasheet]   Dual-Channel, 27-V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810 TI1-OPA2810 Datasheet
3Mb / 50P
[Old version datasheet]   OPA810 140-MHz, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
More results

Similar Description - OPA2810

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA2810 TI1-OPA2810 Datasheet
395Kb / 26P
[Old version datasheet]   OPA2810 Dual High-Performance, Low-Power, Wide Supply Range, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA810 TI1-OPA810 Datasheet
644Kb / 21P
[Old version datasheet]   OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
logo
National Semiconductor ...
LM7332 NSC-LM7332 Datasheet
644Kb / 20P
   Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
Texas Instruments
OPA810 TI1-OPA810_V01 Datasheet
645Kb / 22P
[Old version datasheet]   OPA810 Low-Power, Rail-to-Rail Input/Output, FET-Input Operational Amplifier
LM7332 TI-LM7332_15 Datasheet
1Mb / 27P
[Old version datasheet]   LM7332 Dual Rail-to-Rail Input/Output 30V, Wide Voltage Range, High Output Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_05 Datasheet
350Kb / 15P
   Input/Output Rail-to-Rail Low Power Operational Amplifier
logo
New Japan Radio
NJM8532 NJRC-NJM8532 Datasheet
303Kb / 10P
   Rail-to-Rail Input/Output Dual Operational Amplifier
logo
STMicroelectronics
TS951 STMICROELECTRONICS-TS951_07 Datasheet
440Kb / 17P
   Input/output rail-to-rail low power operational amplifier
logo
Texas Instruments
OPA2810_1807 TI1-OPA2810_1807 Datasheet
2Mb / 48P
[Old version datasheet]   Dual Channel, 27 V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
OPA2810_1812 TI1-OPA2810_1812 Datasheet
2Mb / 50P
[Old version datasheet]   Dual-Channel, 27-V, Rail-to-Rail Input/Output FET-Input Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com