Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE6196 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE6196
Description  2 Watt RF Load Up to 6 GHz Male Input IP67 Rated Tri-Metal Plated Brass
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE6196 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE6196 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE6196 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE6196 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE6196 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Mechanical Specifications
Size
Length
1.45 in [36.83 mm]
Width
1.26 in [32 mm]
.
Weight
0.198 lbs [89.81 g]
.
Configuration
Connector
7/16 DIN Male
Hex Size
32 mm
Material Specifications
Description
Material
Plating
Connector 1 Contact
Brass
Silver
Body
Brass
Tri-Metal
Coupling Nut
Brass
Tri-Metal
Housing
Brass
Tri-Metal
.
Environmental Specifications
Temperature
Operating Range
-45 to +120 deg C
Ingress Protection (IP) Rating
IP67 (mated condition)
Compliance Certifications (visit www.Pasternack.com for current document)
RoHS Compliant
REACH Compliant
12/17/2015
Plotted and Other Data
Notes:
PE6196
PE6196 REV 1.1
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: 2 Watt RF Load Up to 6 GHz With 7/16 DIN Male Input IP67 Rated Tri-Metal Plated Brass
PE6196
RF Terminations Technical Data Sheet
2 Watt RF Load Up to 6 GHz With 7/16 DIN
Male Input IP67 Rated Tri-Metal Plated Brass


Similar Part No. - PE6196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
   50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
More results

Similar Description - PE6196

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE6249 PASTERNACK-PE6249_16 Datasheet
420Kb / 4P
   2 Watt RF Load Up to 6 GHz With N Male Input Tri-Metal Plated Brass
PE6248 PASTERNACK-PE6248_16 Datasheet
350Kb / 4P
   2 Watt RF Load Up to 6 GHz with N Male Tri-Metal Plated Brass
PE6229 PASTERNACK-PE6229_16 Datasheet
418Kb / 3P
   2 Watt RF Load Up to 6 GHz With TNC Female Input Tri-Metal Plated Brass
PE6241 PASTERNACK-PE6241_16 Datasheet
422Kb / 4P
   1 Watt RF Load Up to 6 GHz With Reverse Polarity SMA Male Input Tri-Metal Plated Brass
PE6249 PASTERNACK-PE6249 Datasheet
308Kb / 2P
   Low Power 2 Watts RF Load Up To 6 GHz With N Male Input Tri-Metal Plated Brass
PE6100 PASTERNACK-PE6100_16 Datasheet
426Kb / 4P
   5 Watt RF Load Up to 7 GHz With 7/16 DIN Male Input Tri-Metal Plated Brass
PE6196 PASTERNACK-PE6196 Datasheet
237Kb / 3P
   50 Ohm 2 Watts Tri-Metal Plated Brass 7-16 DIN Male RF Load Up To 6 GHz
PE6229 PASTERNACK-PE6229 Datasheet
231Kb / 3P
   50 Ohm 2 Watts Tri-Metal Plated Brass TNC Female RF Load Up To 6 GHz
PE6199 PASTERNACK-PE6199_16 Datasheet
419Kb / 3P
   1 Watt RF Load Up to 6 GHz With MMCX Male Input Gold Plated Brass
PE6154 PASTERNACK-PE6154_16 Datasheet
442Kb / 4P
   2 Watt RF Load Up to 4 GHz With N Male Input Nickel Plated Brass
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com