Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1207-18 Datasheet(PDF) 11 Page - International Rectifier

Part # IRU1207-18
Description  1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1207-18 Datasheet(HTML) 11 Page - International Rectifier

Back Button IRU1207-18 Datasheet HTML 4Page - International Rectifier IRU1207-18 Datasheet HTML 5Page - International Rectifier IRU1207-18 Datasheet HTML 6Page - International Rectifier IRU1207-18 Datasheet HTML 7Page - International Rectifier IRU1207-18 Datasheet HTML 8Page - International Rectifier IRU1207-18 Datasheet HTML 9Page - International Rectifier IRU1207-18 Datasheet HTML 10Page - International Rectifier IRU1207-18 Datasheet HTML 11Page - International Rectifier IRU1207-18 Datasheet HTML 12Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
IRU1206 / IRU1207 / IRU1208 / IRU1209
11
Rev. 2.3
08/02/02
www.irf.com
(Y) SOT-223 Package
3-Pin
SYMBOL
A
A1
B
B1
C
D
E
e
e1
H
Q
Q1
Q2
S
T
MIN
1.498
0.02
2.895
0.637
0.239
6.299
3.30
2.209
4.496
6.70
0
8
7
8
7
8
0.838
1.092
MAX
1.702
0.11
3.15
0.85
0.381
6.706
3.708
2.953
4.699
7.30
10
8
16
8
16
8
1.05
1.30
NOTE: ALL MEASUREMENTS
ARE IN MILLIMETERS.
e
S
B1
A1
Q
Q1
Q2
C
H
e1
A
T
D
B
E


Similar Part No. - IRU1207-18

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1207 IRF-IRU1207 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results

Similar Description - IRU1207-18

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com