Electronic Components Datasheet Search |
|
C5750CHMC0GMJB0G107K020AA Datasheet(PDF) 3 Page - TDK Electronics |
|
C5750CHMC0GMJB0G107K020AA Datasheet(HTML) 3 Page - TDK Electronics |
3 / 56 page (3/56) 20170710 / mlcc_commercial_general_en.fm Please be sure to request delivery specifications that provide further details on the features and specifications of the products for proper and safe use. Please note that the contents may change without any prior notice due to reasons such as upgrading. MULTILAYER CERAMIC CHIP CAPACITORS C series General (Up to 50V) Type: C0402 [01005 inch] 、C0603 [0201 inch]、C1005 [0402 inch]、C1608 [0603 inch]、C2012 [0805 inch]、 C3216 [1206 inch] 、C3225 [1210 inch]、C4532 [1812 inch]、C5750 [2220 inch] ■SERIES OVERVIEW TDK multilayer ceramic chip capacitor C series is a product for surface mount which multiple sheets of dielectric and conductive material are lay- ered alternately. The monolithic structure ensures superior mechanical strength and reliability. Also the lower ESR, ESL and better frequency characteristics are offered by the simple structure than other capacitors. The capacitance range is up to 100uF and the line-up has been expanding to the region of the film capacitor or electrolytic capacitor. ■FEATURES • The superior mechanical strength and reliability due to the monolithic structure. • Low ESR, ESL and excellent frequency characteristics allow for a cir- cuit design that closely conforms to theoretical values. • Low self-heating and high ripple resistance due to low ESR. •No polarity. ■APPLICATIONS • General electronic equipment •Mobile devices • Servers, PCs, tablets •Power supply circuit ■SHAPE & DIMENSIONS Dimensional tolerances are typical values. T L G B L W T B G Body length Body width Body height Terminal width Terminal spacing Dimensions in mm Type L W T B G C0402 0.40±0.02 0.20±0.02 0.20±0.02 0.07 min. 0.14 min. C0603 0.60±0.03 0.30±0.03 0.30±0.03 0.10 min. 0.20 min. C1005 1.00±0.05 0.50±0.05 0.50±0.05 0.10 min. 0.30 min. C1608 1.60±0.10 0.80±0.10 0.80±0.10 0.20 min. 0.30 min. C2012 2.00±0.20 1.25±0.20 1.25±0.20 0.20 min. 0.50 min. C3216 3.20±0.20 1.60±0.20 1.60±0.20 0.20 min. 1.00 min. C3225 3.20±0.40 2.50±0.30 2.50±0.30 0.20 min. — C4532 4.50±0.40 3.20±0.40 3.20±0.40 0.20 min. — C5750 5.70±0.40 5.00±0.40 2.80±0.30 0.20 min. — REACH SVHC-Free Lead Free RoHS Pb Halogen Free Br Cl |
Similar Part No. - C5750CHMC0GMJB0G107K020AA |
|
Similar Description - C5750CHMC0GMJB0G107K020AA |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |