Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXFK24N100F Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFK24N100F
Description  HiPerRF Power MOSFETs
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK24N100F Datasheet(HTML) 1 Page - IXYS Corporation

  IXFK24N100F Datasheet HTML 1Page - IXYS Corporation IXFK24N100F Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
© 2002 IXYS All rights reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
1000
V
V
DGR
T
J
= 25
°C to 150°C; R
GS = 1 MΩ
1000
V
V
GS
Continuous
±20
V
V
GSM
Transient
±30
V
I
D25
T
C
= 25
°C24
A
I
DM
T
C
= 25
°C, pulse width limited by T
JM
96
A
I
AR
T
C
= 25
°C24
A
E
AR
T
C
= 25
°C60
mJ
E
AS
T
C
= 25
°C
3.0
J
dv/dt
I
S
≤ I
DM, di/dt ≤ 100 A/µs, VDD ≤ VDSS
10
V/ns
T
J
≤ 150°C, R
G = 2 Ω
P
D
T
C
= 25
°C
560
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6 mm (0.063 in.) from case for 10 s
300
°C
M
d
Mounting torque
TO-264
0.4/6 Nm/lb.in.
Weight
PLUS 247
6
g
TO-264
10
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, unless otherwise specified)
min.
typ.
max.
V
DSS
V
GS = 0 V, ID = 1mA
1000
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.5 V
I
GSS
V
GS = ±20 V, VDS = 0
±200 nA
I
DSS
V
DS = VDSS
T
J
= 25
°C
100
µA
V
GS = 0 V
T
J
= 125
°C3 mA
R
DS(on)
V
GS = 10 V, ID = 0.5
I
D25
0.39
Note 1
98874 (1/02)
PLUS 247TM (IXFX)
G
D
(TAB)
G = Gate
D = Drain
S = Source
TAB = Drain
S
G
D
(TAB)
TO-264 AA (IXFK)
Advance Technical Information
HiPerRFTM
Power MOSFETs
F-Class: MegaHertz Switching
N-Channel Enhancement Mode
Avalanche Rated,
Low Q
g, Low Intrinsic Rg
High dV/dt,
Low t
rr
Features
l RF capable MOSFETs
l Double metal process for low gate
resistance
l Unclamped Inductive Switching (UIS)
rated
l Low package inductance
- easy to drive and to protect
l Fast intrinsic rectifier
Applications
l DC-DC converters
l Switched-mode and resonant-mode
power supplies, >500kHz switching
l DC choppers
l Pulsegeneration
l Laser drivers
Advantages
l PLUS 247TMpackage for clip or spring
mounting
l Space savings
l High power density
IXFX 24N100F
V
DSS
= 1000 V
IXFK 24N100F
I
D25
=
24 A
R
DS(on) =
0.39
t
rr
≤≤≤≤ 250 ns


Similar Part No. - IXFK24N100F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFK24N100F IXYS-IXFK24N100F Datasheet
161Kb / 4P
   HiPerRF Power MOSFETs F-Class: MegaHertz Switching
logo
Inchange Semiconductor ...
IXFK24N100F ISC-IXFK24N100F Datasheet
329Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - IXFK24N100F

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFN24N100 IXYS-IXFN24N100 Datasheet
105Kb / 2P
   HiPerRF Power MOSFETs
IXFH21N50F IXYS-IXFH21N50F Datasheet
106Kb / 2P
   HiPerRF Power MOSFETs
IXFH12N100F IXYS-IXFH12N100F Datasheet
99Kb / 2P
   HiPerRF Power MOSFETs
IXFN55N50F IXYS-IXFN55N50F Datasheet
106Kb / 2P
   HiPerRF Power MOSFETs
IXFK21N100F IXYS-IXFK21N100F Datasheet
101Kb / 2P
   HiPerRF Power MOSFETs
IXFH12N100F IXYS-IXFH12N100F_03 Datasheet
112Kb / 2P
   HiPerRF Power MOSFETs
IXFH28N50F IXYS-IXFH28N50F Datasheet
112Kb / 2P
   HiPerRF Power MOSFETs
IXFR55N50F IXYS-IXFR55N50F Datasheet
499Kb / 2P
   HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFX21N100F IXYS-IXFX21N100F Datasheet
98Kb / 2P
   HiPerRF Power MOSFETs F-Class: MegaHertz Switching
IXFH12N50F IXYS-IXFH12N50F Datasheet
303Kb / 2P
   HiPerRF Power MOSFETs F-Class: MegaHertz Switching
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com