Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS4160 Datasheet(PDF) 2 Page - Microchip Technology

Part # PS4160
Description  PS401 Battery Manager Module with LED SOC Display
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PS4160 Datasheet(HTML) 2 Page - Microchip Technology

  PS4160 Datasheet HTML 1Page - Microchip Technology PS4160 Datasheet HTML 2Page - Microchip Technology PS4160 Datasheet HTML 3Page - Microchip Technology PS4160 Datasheet HTML 4Page - Microchip Technology PS4160 Datasheet HTML 5Page - Microchip Technology PS4160 Datasheet HTML 6Page - Microchip Technology PS4160 Datasheet HTML 7Page - Microchip Technology PS4160 Datasheet HTML 8Page - Microchip Technology PS4160 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
PS4160
DS40235B-page 2
 2003 Microchip Technology Inc.
1.0
GENERAL DESCRIPTION
The PS4160 module is a complete smart battery
controller subsystem with safety based on the
Microchip PS401 battery manager with patented
Accuron™ technology. The module is designed to
operate in a battery pack consisting of three (3) or four
(4) series connected Lithium cells. The module
consists of three circuit sections – the Microchip PS401
battery manager IC, Mitsumi MM1414 based primary
safety circuit and a secondary safety circuit controlled
by the PS401 to provide backup to the MM1414.
1.1
Quick Start – Pack Assembly
Follow these directions to assemble a pack with the
PS4160 module.
• Use standard precautions when handling static
sensitive devices.
• Modules should be connected to battery cells in
the order indicated below to insure proper start-up
and operation. Wires should be attached to the
modules first and then connected to the battery
cells as instructed.
• The connection sequence is critical to successful
use of the PS401 family of CMOS ASICs. Pack
positive should always be connected first,
followed by the intermediate cell voltages from
highest to lowest, and finishing with the negative
end of the pack.
Step 1: Configure the module for the number of series
cells according to the following chart:
Step 2: Configure the module for the following options.
Use Optional External Thermistor
The PS401 IC has an integrated temperature sensor. If
you would like to add an optional external thermistor,
remove R16.
Charge FET Control
The PS4160 is shipped with the Mitsumi 1414 IC
controlling both the charge and discharge FETs. If you
would like to enable PS401 control of the charge FET,
remove R25 and change the value of bit 2 of the
FLAGS1 parameter to ‘0’. Setting bit 2 of FLAGS1
disables the GPIOs.
GPIO<3:0> Operation:
The PS4160 is shipped with four LEDs for a SOC
display. These LEDs are connected to GPIO<3:0> pins
on the PS401 IC. The GPIO<3:0> pins can be used for
operation other than the LED SOC display by removing
the LED and monitoring the adjacent test point.
Step 3: Connect wires to module. Use large diameter
wire (18AWG-20 AWG) for current carrying lines from
VR and V1. All others are signal only lines (24 to 22
AWG).
Step 4: Connect V1 to the most positive point on the
battery cell stack.
Step 5: Connect cell voltage pickups:
4 series cells – negative end of topmost cell in stack to
V2, negative end of next cell to V3, and negative end of
third cell to V4.
3 series cells – negative end of topmost cell in stack to
V2, negative end of next cell to V3, no connection at
V4.
Step 6: Connect VR to the most negative point on the
battery cell stack.
Step 7: Connect external connector to B-Neg, T, C, D
and B+.
Step 8: The PS4160 is shipped with the secondary
safety circuit disabled to avoid damage to the fuse
during assembly. To enable the secondary safety
circuit, remove R23 and change the value of bit 2 of the
FLAGS1 parameter to ‘0’. Setting bit 2 of FLAGS1
disables the GPIOs configured for safety.
Step 9:
Program
the assembled pack
using
Microchip's PowerTool™ software and PowerCal™
board or PowerInfo™ board hardware.
The EEPROM parameters can be changed at will using
the utilities on the P4 EE page in the PowerTool
software. The OTP EPROM parameters can be
changed a limited number of times using utilities on the
P4 OTP page. To write to the OTP EPROM, an
additional voltage (VPP) must be applied to the PS401.
This programming voltage can be obtained from the
PowerInfo board and applied to the PS4160 at
connection VP (small thru-hole) located on the small
edge of the board opposite the connector edge.
Step 10:
Calibrate the pack using the PowerTool
software and PowerCal board hardware. The pack is
now ready for use.
Li Ion 3-cell
Li Ion 4-cell
R27
Removed
Installed
R28
Installed
Removed
R30
Installed
Removed


Similar Part No. - PS4160

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS4160EV MICROCHIP-PS4160EV Datasheet
345Kb / 8P
   PS4160 Evaluation Kit
03/25/03
More results

Similar Description - PS4160

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
PS4200 MICROCHIP-PS4200 Datasheet
266Kb / 8P
   PS402 Battery Manager Module with LED SOC Display
02/12/03
PS5100 MICROCHIP-PS5100 Datasheet
127Kb / 10P
   Nickel Chemistry Battery Manager Module with LED SOC Display
2004
PS5162 MICROCHIP-PS5162 Datasheet
165Kb / 10P
   Two-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5163 MICROCHIP-PS5163 Datasheet
184Kb / 10P
   Three-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
2004
PS5164 MICROCHIP-PS5164 Datasheet
204Kb / 10P
   PS501 Four-Cell Battery Manager Module with LED SOC Display for Lithium Chemistries
02/17/04
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259_V01 Datasheet
1,004Kb / 8P
   Battery Manager
2014
logo
Dallas Semiconductor
DS1259 DALLAS-DS1259 Datasheet
73Kb / 5P
   Battery Manager Chip
logo
Maxim Integrated Produc...
MAX1259 MAXIM-MAX1259 Datasheet
220Kb / 8P
   MAX1259 Battery Manager
19-4638; Rev 1; 4/94
DS1259 MAXIM-DS1259 Datasheet
78Kb / 5P
   Battery Manager Chip
111999
logo
Linear Technology
LTC4110 LINER-LTC4110 Datasheet
445Kb / 52P
   Battery Backup System Manager
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com