Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD1674KN Datasheet(PDF) 7 Page - Analog Devices

Part # AD1674KN
Description  12-Bit 100 kSPS A/D Converter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1674KN Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1674KN Datasheet HTML 3Page - Analog Devices AD1674KN Datasheet HTML 4Page - Analog Devices AD1674KN Datasheet HTML 5Page - Analog Devices AD1674KN Datasheet HTML 6Page - Analog Devices AD1674KN Datasheet HTML 7Page - Analog Devices AD1674KN Datasheet HTML 8Page - Analog Devices AD1674KN Datasheet HTML 9Page - Analog Devices AD1674KN Datasheet HTML 10Page - Analog Devices AD1674KN Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
AD1674
REV. C
–6–
ORDERING GUIDE
INL
S/(N+D)
Package
Package
Model1
Temperature Range
(TMIN to TMAX)(TMIN to TMAX)
Description
Option2
AD1674JN
0
°C to +70°C
±1 LSB
69 dB
Plastic DIP
N-28
AD1674KN
0
°C to +70°C
±1/2 LSB
70 dB
Plastic DIP
N-28
AD1674JR
0
°C to +70°C
±1 LSB
69 dB
Plastic SOIC
R-28
AD1674KR
0
°C to +70°C
±1/2 LSB
70 dB
Plastic SOIC
R-28
AD1674AR
–40
°C to +85°C
±1 LSB
69 dB
Plastic SOIC
R-28
AD1674BR
–40
°C to +85°C
±1/2 LSB
70 dB
Plastic SOIC
R-28
AD1674AD
–40
°C to +85°C
±1 LSB
69 dB
Ceramic DIP
D-28
AD1674BD
–40
°C to +85°C
±1/2 LSB
70 dB
Ceramic DIP
D-28
AD1674TD
–55
°C to +125°C
±1 LSB
70 dB
Ceramic DIP
D-28
NOTES
1For details on grade and package offerings screened in accordance with MIL-STD-883, refer to the Analog Devices Military Products Databook or current
AD1674/883B data sheet. SMD is also available.
2N = Plastic DIP; D = Hermetic Ceramic DIP; R = Plastic SOIC.
TIMING—STAND-ALONE MODE (Figures 4a and 4b)
J, K, A, B Grades
T Grade
Parameter
Symbol
Min
Typ
Max
Min
Typ
Max
Units
Data Access Time
tDDR
150
150
ns
Low R/C Pulse Width
tHRL
50
50
ns
STS Delay from R/C
tDS
200
225
ns
Data Valid After R/C Low
tHDR
25
25
ns
STS Delay After Data Valid
tHS
0.6
0.8
1.2
0.6
0.8
1.2
µs
High R/C Pulse Width
tHRH
150
150
ns
NOTE
All min and max specifications are guaranteed.
Specifications subject to change without notice.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the AD1674 features proprietary ESD protection circuitry, permanent damage may occur on
devices subjected to high energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
DATA
VALID
DATA VALID
HIGH-Z
STS
DB11 – DB0
R/C
_
t
HRL
t
DS
t
C
t
HS
t
HDR
Figure 4a. Stand-Alone Mode Timing Low Pulse for R/C
DATA
VALID
HIGH-Z
HIGH-Z
STS
DB11 – DB0
R/C
_
t
HRH
t
DS
t
C
t
DDR
t
HDR
t
HL
Figure 4b. Stand-Alone Mode Timing High Pulse for R/C
ABSOLUTE MAXIMUM RATINGS*
VCC to Digital Common . . . . . . . . . . . . . . . . . . . 0 to + 16.5 V
VEE to Digital Common . . . . . . . . . . . . . . . . . . . . . 0 to –16.5 V
VLOGIC to Digital Common . . . . . . . . . . . . . . . . . . 0 V to +7 V
Analog Common to Digital Common . . . . . . . . . . . . . . .
±1 V
Digital Inputs to Digital Common . . . –0.5 V to VLOGIC +0.5 V
Analog Inputs to Analog Common . . . . . . . . . . . . VEE to VCC
20 VIN to Analog Common . . . . . . . . . . . . . . . . . VEE to +24 V
REF OUT . . . . . . . . . . . . . . . . . Indefinite Short to Common
. . . . . . . . . . . . . . . . . . . . . . . . . . . Momentary Short to VCC
Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . . . +175
°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . 825 mW
Lead Temperature, Soldering (10 sec) . . . . . . . +300
°C, 10 sec
Storage Temperature . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.


Similar Part No. - AD1674KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1674KN AD-AD1674KN Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674KN AD-AD1674KN Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674KN AD-AD1674KN Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674KN AD-AD1674KN Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
More results

Similar Description - AD1674KN

ManufacturerPart #DatasheetDescription
logo
Analog Devices
5962-9316401MXA AD-5962-9316401MXA Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674 Datasheet
255Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674BRZ AD-AD1674BRZ Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674 AD-AD1674_15 Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ-REEL AD-AD1674JRZ-REEL Datasheet
166Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JNZ AD-AD1674JNZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD1674JRZ AD-AD1674JRZ Datasheet
258Kb / 12P
   12-Bit 100 kSPS A/D Converter
REV. C
AD977BRZ AD-AD977BRZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977ARZ AD-AD977ARZ Datasheet
284Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
AD977 AD-AD977 Datasheet
266Kb / 24P
   16-Bit, 100 kSPS/200 kSPS BiCMOS A/D Converter
REV. D
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com