Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRU1206 Datasheet(PDF) 3 Page - International Rectifier

Part # IRU1206
Description  1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRU1206 Datasheet(HTML) 3 Page - International Rectifier

  IRU1206 Datasheet HTML 1Page - International Rectifier IRU1206 Datasheet HTML 2Page - International Rectifier IRU1206 Datasheet HTML 3Page - International Rectifier IRU1206 Datasheet HTML 4Page - International Rectifier IRU1206 Datasheet HTML 5Page - International Rectifier IRU1206 Datasheet HTML 6Page - International Rectifier IRU1206 Datasheet HTML 7Page - International Rectifier IRU1206 Datasheet HTML 8Page - International Rectifier IRU1206 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
IRU1206 / IRU1207 / IRU1208 / IRU1209
3
Rev. 2.3
08/02/02
www.irf.com
PIN DESCRIPTIONS
The input pin of the regulator. Typically a large storage capacitor is connected from this pin
to ground to insure that the input voltage does not sag below the minimum drop out voltage
during the load transient response. This pin must always be 0.6V higher than VOUT in order
for the device to regulate properly.
The output of the regulator. A minimum of 2.2
mF capacitor must be connected from this pin
to ground.
Ground pin. This pin must be connected to the lowest potential in the system and all other
pins must be at higher potential with respect to this pin.
Enable pin. A low signal or left open on this pin shuts down the output. This pin must be tied
HI or to VIN for normal operation.
An open collector output that switches low when the output voltage drops about 4% below
its expected regulated voltage.
A resistor divider from this pin to the VOUT pin and ground sets the output voltage.
APPLICATION INFORMATION
Stability
The IRU120X series of regulators require the use of an
output capacitor as part of the frequency compensation
in order to make the regulator stable. A minimum of 2.2
mF
capacitance and the ESR in the range of 0.5 to 2
V in-
sures the stability of the system.
Part Number
Output
Voltage
IRU1206-18
1.8V
IRU1206-25
2.5V
IRU1206-33
3.3V
IRU1207-18
1.8V
IRU1207-25
2.5V
IRU1207-33
3.3V
IRU1208
1.24V
IRU1209
1.24V
Note 1: Low duty cycle pulse testing with Kelvin con-
nections is required in order to maintain accurate data.
Note 2: Dropout voltage is defined as the minimum dif-
ferential voltage between VIN and VOUT required to main-
tain regulation at VOUT. It is measured when the output
voltage drops 1% below its nominal value.
IRU1207, IRU1209
Ground Current - SD Activated
Enable Pin Input LO Voltage
Enable Pin Input HI Voltage
Enable Pin Input LO Current
Enable Pin Input HI Current
IRU1207, IRU1208
Flag Output Threshold Voltage
Flag Output Hysteresis Voltage
Flag Output Saturation Voltage
Note 3: Ground current is the regulator quiescent cur-
rent plus the pass transistor current. The total current
from the supply is the sum of the load current plus the
ground pin current.
Note 4: The specification applies for the junction tem-
perature of 0 to +125
8C.
VIN
(All devices)
VOUT
(All devices)
Gnd
(All devices)
Enable
(IRU1207, IRU1209)
Flag
(IRU1207, IRU1208)
Adj
(IRU1208, IRU1209)
Table 1 - Output voltage vs. part number.
PIN SYMBOL
PIN DESCRIPTION
IQ(SD)
VEN(L)
VEN(L)
VTH(FG)
VHYS
VF(SAT)
Enable=Open
Regulator OFF (Note 4)
Regulator ON (Note 4)
VEN(L)=0V to 0.8V (Note 4)
VEN(L)=2V to Vin (Note 4)
Output Ramping Up
Io=5mA
Io=500
mA
PARAMETER
SYM
TEST CONDITION
MIN
TYP
MAX
UNITS
2
0.01
0.1
100
5
0.8
400
230
1
0.8
2
600
mA
V
V
mA
mA
%VO
%VO
mV


Similar Part No. - IRU1206

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
More results

Similar Description - IRU1206

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRU1206 IRF-IRU1206 Datasheet
114Kb / 8P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
Advanced Power Electron...
APU1206 A-POWER-APU1206 Datasheet
187Kb / 9P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
APU1206 A-POWER-APU1206_16 Datasheet
231Kb / 10P
   1A VERY LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE REGULATORS
logo
List of Unclassifed Man...
RT9164 ETC-RT9164 Datasheet
266Kb / 12P
   1A FIXED AND ADJUSTABLE LOW DROPOUT POSITIVE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164A RICHTEK-RT9164A Datasheet
207Kb / 14P
   1A Fixed and Adjustable Low Dropout Positive Voltage Regulators
logo
KIA Semiconductor Techn...
1117 KIA-1117 Datasheet
33Kb / 4P
   1A LOW DROPOUT FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS
logo
ON Semiconductor
NCP1117 ONSEMI-NCP1117 Datasheet
215Kb / 17P
   Low-Dropout Positive Fixed and Adjustable Voltage Regulators
January, 2017 ??Rev. 28
logo
Integral Corp.
IL33269 INTEGRAL-IL33269 Datasheet
105Kb / 2P
   LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS
logo
Richtek Technology Corp...
RT9164B RICHTEK-RT9164B Datasheet
146Kb / 7P
   1A Fixed Low Dropout Positive Voltage Regulators
RT9176 RICHTEK-RT9176 Datasheet
241Kb / 13P
   1.5A Fixed and Adjustable Low Dropout Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com