Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SCI0805S-22NF Datasheet(PDF) 3 Page - Superworld Electronics

Part # SCI0805S-22NF
Description  WOREWPIMD CHIP INDUCTORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SCI0805S-22NF Datasheet(HTML) 3 Page - Superworld Electronics

  SCI0805S-22NF Datasheet HTML 1Page - Superworld Electronics SCI0805S-22NF Datasheet HTML 2Page - Superworld Electronics SCI0805S-22NF Datasheet HTML 3Page - Superworld Electronics SCI0805S-22NF Datasheet HTML 4Page - Superworld Electronics SCI0805S-22NF Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NOTE : Specifications subject to change without notice. Please check our website for latest information.
SUPERWORLD ELECTRONICS (S) PTE LTD
PG. 3
03.02.2015
WIREWOUND CHIP INDUCTORS
6. ELECTRICAL CHARACTERISTICS :
SCI0805S SERIES
7.9
1500
K, J, G
SCI0805S-1R5□F
SCI0805S-1R8□F
SCI0805S-2R2□F
SCI0805S-2R7□F
1800
2200
2700
K, J, G
K, J, G
K, J, G
7.9
7.9
7.9
50
470
K, J, G
SCI0805S-R47□F
SCI0805S-R75□F
SCI0805S-R82□F
SCI0805S-1R0□F
SCI0805S-1R2□F
SCI0805S-R56□F
SCI0805S-R60□F
SCI0805S-R68□F
25
750
K, J, G
1200
820
1000
K, J, G
K, J, G
K, J, G
25
25
7.9
680
560
600
K, J, G
K, J, G
K, J, G
25
25
25
100
2.50
170
25
16
7.9
7.9
7.9
16
16
16
80
60
50
150
160
170
2.50
2.70
3.10
375
1.70
250
100
33
50
200
23
50
50
25
23
20
18
200
100
100
50
50
50
23
23
23
340
260
200
2.30
180
180
170
170
2.35
2.50
2.50
450
190
230
1.90
1.60
2.20
SCI0805S-R24□F
SCI0805S-R25□F
SCI0805S-R33□F
SCI0805S-R39□F
SCI0805S-R18□F
SCI0805S-R22□F
100
240
K, J, G
390
250
330
K, J, G
K, J, G
K, J, G
100
100
100
180
220
K, J, G
K, J, G
100
100
690
250
44
250
250
250
50
48
48
560
680
600
250
250
50
50
850
870
1.00
350
350
310
290
1.00
1.40
1.50
400
400
0.640
0.700
SCI0805S-R20□F200
K, J, G
100
250
50
860
400
0.660
SCI0805S-R27□F
270
K, J, G
100
250
48
650
350
1.00
SCI0805S-R30□F
300
K, J, G
100
250
48
620
330
1.20
SCI0805S-R36□F
360
K, J, G
100
250
48
580
300
1.45
SCI0805S-R43□F
430
K, J, G
50
100
33
430
230
1.70
Inductance tolerance :
□ : G : ±2%
K : ± 10%
J : ± 5%
Tolerance
Available
Part No.
L
( nH )
( MHz )
( MHz )
Min.
Freq
Test
Q
Freq
Q Test
Min.
Max.
Max.
( MHz )
SRF
( Ω )
DCR
( mA )
IDC
SCI0805S-R62□F
620
K, J, G
25
50
23
220
210
2.20
SCI0805S-3R3□F
3300
K, J, G
7.9
7.9
15
40
90
4.40
SCI0805S-4R7□F
4700
K, J, G
7.9
7.9
15
40
90
6.40


Similar Part No. - SCI0805S-22NF

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SCI0805S-22NF SUPERWORLD-SCI0805S-22NF Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SCI0805S-22NF

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DFE32CAHR47MR0L MURATA1-DFE32CAHR47MR0L Datasheet
511Kb / 9P
   CHIP COIL(CHIP INDUCTORS) Inductors
logo
Panasonic Semiconductor
ELJ-NA4R7JF PANASONIC-ELJ-NA4R7JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-ND1R0JF PANASONIC-ELJ-ND1R0JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJ-NA2R2JF PANASONIC-ELJ-NA2R2JF Datasheet
478Kb / 18P
   Inductors Chip Inductors
ELJSA100KF PANASONIC-ELJSA100KF Datasheet
112Kb / 3P
   Fixed Inductors (Chip Inductors)
ELJ-RE3N9ZFA PANASONIC-ELJ-RE3N9ZFA Datasheet
162Kb / 8P
   Fixed Inductors (Chip Inductors)
ELJFCR22F PANASONIC-ELJFCR22F Datasheet
96Kb / 4P
   Fixed Inductors Chip Inductors
ELJPF2N2DFB PANASONIC-ELJPF2N2DFB_13 Datasheet
134Kb / 7P
   Fixed Inductors Chip Inductors
ELJ-FA151JF PANASONIC-ELJ-FA151JF Datasheet
240Kb / 9P
   Fixed Inductors (Chip Inductors)
ELJFQF1N0JF PANASONIC-ELJFQF1N0JF Datasheet
83Kb / 3P
   Fixed Inductors (Chip Inductors)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com