Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4215DRBT Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # THS4215DRBT
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4215DRBT Datasheet(HTML) 10 Page - Texas Instruments

Back Button THS4215DRBT Datasheet HTML 6Page - Texas Instruments THS4215DRBT Datasheet HTML 7Page - Texas Instruments THS4215DRBT Datasheet HTML 8Page - Texas Instruments THS4215DRBT Datasheet HTML 9Page - Texas Instruments THS4215DRBT Datasheet HTML 10Page - Texas Instruments THS4215DRBT Datasheet HTML 11Page - Texas Instruments THS4215DRBT Datasheet HTML 12Page - Texas Instruments THS4215DRBT Datasheet HTML 13Page - Texas Instruments THS4215DRBT Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
www.ti.com
TYPICAL CHARACTERISTICS (
±5 V Graphs)
-4
-3
-2
-1
0
1
2
3
4
5
100 k
1 M
10 M
100 M
1 G
10 G
f - Frequency - Hz
Gain = 1
RL = 499 Ω
VO = 250 mV
VS = ±5 V
-4
-2
0
2
4
6
8
10
12
14
16
18
20
22
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
Gain = 10
Gain = 5
Gain = 2
Gain = -1
RL = 499 Ω
Rf = 392 Ω
VO = 250 mV
VS = ±5 V
-1
-0.9
-0.8
-0.7
-0.6
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
Gain = 1
RL = 499 Ω
VO = 250 mV
VS = ±5 V
f - Frequency - Hz
1 M
10 M
100 M
1 G
100 k
1 M
10 M
100 M
1 G
f - Frequency - Hz
Gain = 1
RL = 499 Ω
VO = 2 VPP
VS = ±5 V
-4
-3
-2
-1
0
1
-100
-95
-90
-85
-80
-75
-70
-65
-60
1
10
100
f - Frequency - MHz
Gain = 1
VO = 1 VPP
VS = ±5 V
HD2, RL = 150 Ω
HD3, RL = 150 Ω
and RL = 499 Ω
HD2, RL = 499 Ω
0
0.5
1
1.5
2
2.5
3
3.5
4 4.5
5
VO - Output Voltage - V
RL = 499 Ω
Rf = 392 Ω
VS = ±5 V
0
200
400
600
800
1000
1200
1400
Fall, Gain = 1
Rise, Gain = 1
Fall, Gain =- 1
Rise, Gain = -1
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
1
10
100
f - Frequency - MHz
Gain = 1
VO = 2 VPP
VS = ±5 V
HD3, RL = 150 Ω
and RL = 499 Ω
HD2, RL = 150 Ω
HD2, RL = 499 Ω
HD3, RL = 150Ω,
and RL = 499 Ω
f - Frequency - MHz
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
1
10
100
HD2, RL = 150Ω
HD2, RL = 499Ω
Gain = 2
Rf = 392 Ω
VO = 2 VPP
VS = ±5 V
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
1
10
100
f - Frequency - MHz
Gain = 2
Rf = 392 Ω
VO = 1 VPP
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω,
and RL = 499 Ω
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
SMALL SIGNAL UNITY GAIN
SMALL SIGNAL FREQUENCY
0.1 dB GAIN FLATNESS
FREQUENCY RESPONSE
RESPONSE
FREQUENCY RESPONSE
Figure 1.
Figure 2.
Figure 3.
SLEW RATE
HARMONIC DISTORTION
LARGE SIGNAL FREQUENCY
vs
vs
RESPONSE
OUTPUT VOLTAGE
FREQUENCY
Figure 4.
Figure 5.
Figure 6.
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 7.
Figure 8.
Figure 9.
10


Similar Part No. - THS4215DRBT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4215DRBT NSC-THS4215DRBT Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
THS4215DRBTG4 NSC-THS4215DRBTG4 Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4215DRBT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4211 NSC-THS4211 Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com