Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT709289L7PFI Datasheet(PDF) 6 Page - Integrated Device Technology

Part # IDT709289L7PFI
Description  HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709289L7PFI Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT709289L7PFI Datasheet HTML 2Page - Integrated Device Technology IDT709289L7PFI Datasheet HTML 3Page - Integrated Device Technology IDT709289L7PFI Datasheet HTML 4Page - Integrated Device Technology IDT709289L7PFI Datasheet HTML 5Page - Integrated Device Technology IDT709289L7PFI Datasheet HTML 6Page - Integrated Device Technology IDT709289L7PFI Datasheet HTML 7Page - Integrated Device Technology IDT709289L7PFI Datasheet HTML 8Page - Integrated Device Technology IDT709289L7PFI Datasheet HTML 9Page - Integrated Device Technology IDT709289L7PFI Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
6.42
IDT709289L
High-Speed 64K x 16 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
6
AC Test Conditions
Figure 1. AC Output Test load.
Figure 2. Output Test Load
(For tCKLZ, tCKHZ, tOLZ, and tOHZ).
*Including scope and jig.
Figure 3. Typical Output Derating (Lumped Capacitive Load).
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
Output Load
GND to 3.0V
3ns Max.
1.5V
1.5V
Figures 1,2 and 3
4842 tbl 10
4842 drw 05
893
30pF
347
5V
DATAOUT
893
5pF*
347
5V
DATAOUT
4842 drw 04
1
2
3
4
5
6
7
8
20 40
100
60 80
120 140 160 180 200
tCD1
,
tCD2
(Typical, ns)
Capacitance (pF)
4842 drw 06
-1
0
- 10pF is the I/O capacitance
of this device, and 30pF is the
AC Test Load Capacitance


Similar Part No. - IDT709289L7PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709289L IDT-IDT709289L Datasheet
701Kb / 16P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709289L RENESAS-IDT709289L Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709289L IDT-IDT709289L_15 Datasheet
701Kb / 16P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT709289L7PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709289L IDT-IDT709289L_15 Datasheet
701Kb / 16P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709289L RENESAS-IDT709289L Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_15 Datasheet
671Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com