Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE15-EW-S24-DIN Datasheet(PDF) 5 Page - CUI INC

Part # AE15-EW-S24-DIN
Description  DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AE15-EW-S24-DIN Datasheet(HTML) 5 Page - CUI INC

  AE15-EW-S24-DIN Datasheet HTML 1Page - CUI INC AE15-EW-S24-DIN Datasheet HTML 2Page - CUI INC AE15-EW-S24-DIN Datasheet HTML 3Page - CUI INC AE15-EW-S24-DIN Datasheet HTML 4Page - CUI INC AE15-EW-S24-DIN Datasheet HTML 5Page - CUI INC AE15-EW-S24-DIN Datasheet HTML 6Page - CUI INC AE15-EW-S24-DIN Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
cui.com
date 09/13/2017
│ page 5 of 7
CUI Inc
│ SERIES: AE15-EW-DIN │ DESCRIPTION: DC-DC CONVERTER
EFFICIENCY CURVES (CONTINUED)
100
200
300
400
500
600
700
800
900 1000
80
78
76
74
72
Input Voltage (Vdc)
70
82
84
AE15-EW-S15-DIN Efficiency Curve
Efficiency vs. Input Voltage
AE15-EW-S15-DIN Efficiency Curve
Efficiency vs. Load Current
10
20
30
40
50
60
70
80
90
100
80
75
70
65
60
55
50
85
Load Current (%)
100 200 300 400 500 600 700 800 900 1000
80
78
76
74
72
70
Input Voltage (Vdc)
68
82
84
86
10
20
30
40
50
60
70
80
90
100
80
75
70
65
60
55
50
85
Load Current (%)
AE15-EW-S24-DIN Efficiency Curve
Efficiency vs. Input Voltage
AE15-EW-S24-DIN Efficiency Curve
Efficiency vs. Load Current
For more information, please visit the product page.


Similar Part No. - AE15-EW-S24-DIN

ManufacturerPart #DatasheetDescription
logo
CUI INC
AE15-EW-S24-DIN CUI-AE15-EW-S24-DIN Datasheet
2Mb / 7P
   DC-DC CONVERTER
07/29/2021
More results

Similar Description - AE15-EW-S24-DIN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com