Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE40-EW Datasheet(PDF) 6 Page - CUI INC

Part # AE40-EW
Description  DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AE40-EW Datasheet(HTML) 6 Page - CUI INC

  AE40-EW Datasheet HTML 1Page - CUI INC AE40-EW Datasheet HTML 2Page - CUI INC AE40-EW Datasheet HTML 3Page - CUI INC AE40-EW Datasheet HTML 4Page - CUI INC AE40-EW Datasheet HTML 5Page - CUI INC AE40-EW Datasheet HTML 6Page - CUI INC AE40-EW Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
cui.com
date 12/19/2017
│ page 6 of 7
CUI Inc
│ SERIES: AE40-EW │ DESCRIPTION: DC-DC CONVERTER
Figure 1
Table 1
+Vo
-Vo
TVS
+
+INPUT
-INPUT
+V in
-Vin
MOV
C5
C6
RL
FUSE
NTC
EMC RECOMMENDED CIRCUIT
MOV
NTC
FU SE
C5
C6
TVS
RL
+Vin
-Vin
+Vo
-Vo
+
+
+
+
+INPUT
-INPUT
R1
R2
R3
R4
C1
C2
C3
C4
LCM
Table 2
Figure 2
Recommended External Circuit Components
FUSE
3.5 A / 1500 Vdc
MOV
S20K1000
NTC
10D-20
LCM
10 mH
C1, C2, C3, C4
47 µF/450 V
R1, R2, R3, R4
1 MΩ/2 W
Vout
(Vdc)
Fuse
MOV
NTC
C5
(µF)
C6
(µF)
TVS
12
3.5 A / 1500 Vdc
S20K1000
10D-20
1
220
SMBJ20A
15
3.5 A / 1500 Vdc
S20K1000
10D-20
1
220
SMBJ20A
24
3.5 A / 1500 Vdc
S20K1000
10D-20
1
120
SMBJ30A
APPLICATION CIRCUIT
Note: See also Table 1.
Notes:
1. C5 is a ceramic capacitor used to filter high frequency noise.
2. C6 is electrolytic and is recommended to be high frequency and low resistance. For capacitance and current of the capacitor, refer to the datasheet provided by the
manufacturer. Capacitance withstand voltage derating should be 80% or above.
For more information, please visit the product page.


Similar Part No. - AE40-EW

ManufacturerPart #DatasheetDescription
logo
CUI INC
AE40-EW CUI-AE40-EW Datasheet
2Mb / 7P
   DC-DC CONVERTER
08/30/2021
AE40-EW-DIN CUI-AE40-EW-DIN Datasheet
696Kb / 7P
   DC-DC CONVERTER
AE40-EW-DIN CUI-AE40-EW-DIN Datasheet
2Mb / 7P
   DC-DC CONVERTER
08/30/2021
AE40-EW-DIN CUI-AE40-EW-DIN_V01 Datasheet
2Mb / 7P
   DC-DC CONVERTER
08/30/2021
AE40-EW-S12 CUI-AE40-EW-S12 Datasheet
2Mb / 7P
   DC-DC CONVERTER
08/30/2021
More results

Similar Description - AE40-EW

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com