Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AE15-EW-DIN Datasheet(PDF) 2 Page - CUI INC

Part # AE15-EW-DIN
Description  DC-DC CONVERTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AE15-EW-DIN Datasheet(HTML) 2 Page - CUI INC

  AE15-EW-DIN Datasheet HTML 1Page - CUI INC AE15-EW-DIN Datasheet HTML 2Page - CUI INC AE15-EW-DIN Datasheet HTML 3Page - CUI INC AE15-EW-DIN Datasheet HTML 4Page - CUI INC AE15-EW-DIN Datasheet HTML 5Page - CUI INC AE15-EW-DIN Datasheet HTML 6Page - CUI INC AE15-EW-DIN Datasheet HTML 7Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
cui.com
date 09/13/2017
│ page 2 of 7
CUI Inc
│ SERIES: AE15-EW-DIN │ DESCRIPTION: DC-DC CONVERTER
INPUT
parameter
conditions/description
min
typ
max
units
operating input voltage
100
1000
Vdc
current
at 200 Vdc
at 600 Vdc
at 1000 Vdc
120
40
22
mA
mA
mA
inrush current
at 200 Vdc
at 600 Vdc
at 1000 Vdc
7
20
30
A
A
A
input fuse
2 A / 1000 Vdc (external)
OUTPUT
parameter
conditions/description
min
typ
max
units
maximum capacitive load
12 Vdc output model
15 Vdc output model
24 Vdc output model
2,000
1,200
470
μF
μF
μF
voltage accuracy
±1
±2
%
line regulation
from low line to high line, full load
±0.5
±1
%
load regulation
from 0% to full load
±0.5
±1
%
delay time
from Vin = 0 V to 90% of rated ouptut voltage
1
s
switching frequency
75
kHz
temperature coefficient
at full load
±0.02
%/°C
PROTECTIONS
parameter
conditions/description
min
typ
max
units
over voltage protection
12 Vdc output model
15 Vdc output model
24 Vdc output model
15
19
28
Vdc
Vdc
Vdc
over current protection
automatic recovery
110
%
short circuit protection
continuous, automatic recovery
SAFETY AND COMPLIANCE
parameter
conditions/description
min
typ
max
units
isolation voltage
input to output for 1 minute
4,000
Vac
safety approvals
EN 62109
conducted emissions
CISPR22/EN55022, class A (external circuit required, see Figure 2)
radiated emissions
CISPR22/EN55022, class A (external circuit required, see Figure 2)
ESD
IEC/EN61000-4-2, contact ± 6kV/air ± 8kV, class B
radiated immunity
IEC/EN61000-4-3, 10V/m, class A
EFT/burst
IEC/EN61000-4-4, ± 4kV, class B (external circuit required, see Figure 2)
surge
IEC/EN61000-4-5, ± 2kV, class B (external circuit required, see Figure 2)
conducted immunity
IEC/EN61000-4-6, 10 Vr.m.s, class A
MTBF
as per MIL-HDBK-217F, 25°C
300,000
hours
RoHS
2011/65/EU
For more information, please visit the product page.


Similar Part No. - AE15-EW-DIN

ManufacturerPart #DatasheetDescription
logo
CUI INC
AE15-EW-DIN CUI-AE15-EW-DIN Datasheet
2Mb / 7P
   DC-DC CONVERTER
07/29/2021
AE15-EW-DIN CUI-AE15-EW-DIN_V01 Datasheet
2Mb / 7P
   DC-DC CONVERTER
07/29/2021
More results

Similar Description - AE15-EW-DIN

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
JF48S12-1250 WALL-JF48S12-1250 Datasheet
766Kb / 15P
   DC/DC Converter
JFW24S15-1000 WALL-JFW24S15-1000 Datasheet
1Mb / 16P
   DC/DC Converter
logo
Power Mate Technology C...
DFEC40W P-DUKE-DFEC40W_14 Datasheet
325Kb / 3P
   DC-DC CONVERTER
DFEC60 P-DUKE-DFEC60_14 Datasheet
321Kb / 3P
   DC-DC CONVERTER
FKC08 P-DUKE-FKC08_14 Datasheet
582Kb / 3P
   DC-DC CONVERTER
UFEC15W P-DUKE-UFEC15W_14 Datasheet
521Kb / 4P
   DC-DC CONVERTER
URED20W P-DUKE-URED20W_14 Datasheet
543Kb / 4P
   DC-DC CONVERTER
SDH03W P-DUKE-SDH03W_14 Datasheet
436Kb / 3P
   DC-DC CONVERTER
SDS02 P-DUKE-SDS02_14 Datasheet
701Kb / 4P
   DC-DC CONVERTER
FKC15W P-DUKE-FKC15W_14 Datasheet
315Kb / 3P
   DC-DC CONVERTER
LCD15W P-DUKE-LCD15W_14 Datasheet
442Kb / 4P
   DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com