Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

634108185521 Datasheet(PDF) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 634108185521
Description  Modular Jack SMT Horizontal Plastic 8P8C Tab Down WR-MJ
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

634108185521 Datasheet(HTML) 3 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  634108185521 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 634108185521 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 634108185521 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 634108185521 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany. 634108185521 Datasheet HTML 5Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Classification Reflow Profile for SMT components:
Time
Tp
tp
tL
tS
Ts max
Ts min
TC –5°C
TL
25
Time 25°C to Peak
Preheat Area
Max. Ramp Up Rate
Max. Ramp Down Rate
Profile Feature
Value
Preheat Temperature Min 1)
Ts min 150 °C
Preheat Temperature Max
Ts max 200 °C
Preheat Time ts from Ts min to Ts max
ts
60 - 120 seconds
Ramp-up Rate (TL to TP)
3 °C/ second max.
Liquidous Temperature
TL
217 °C
Time tL maintained above TL
tL
60 - 150 seconds
Peak package body temperature
Tp
see table
Time within 5°C of actual peak temperaure
t p
20 - 30 seconds
Ramp-down Rate (TL to TP)
6 °C/ second max.
Time 25°C to peak temperature
8 minutes max.
Classification Reflow Soldering Profile:
1)
refer to IPC/JEDEC J-STD-020D
refer to IPC/ JEDEC J-STD-020E
Properties
Volume mm³
<350
Volume mm³
350-2000
Volume mm³
>2000
PB-Free Assembly | Package Thickness < 1.6 mm 1)
260 °C
260 °C
260 °C
PB-Free Assembly | Package Thickness 1.6 mm - 2.5 mm 260 °C
250 °C
245 °C
PB-Free Assembly | Package Thickness ≥ 2.5 mm
250 °C
245 °C
245 °C
Package Classification Reflow Temperature:
1)
refer to IPC/JEDEC J-STD-020D
refer to IPC/ JEDEC J-STD-020E
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
CREATED
CHECKED
GENERAL TOLERANCE
PROJECTION
METHOD
DaMa
JTs
DIN ISO 2768-1m
DESCRIPTION
Modular Jack SMT Horizontal
Plastic 8P8C Tab Down WR-MJ
ORDER CODE
634108185521
REVISION
STATUS
DATE (YYYY-MM-DD)
BUSINESS UNIT
PAGE
001.000
Valid
2017-07-11
eiCan
3/5
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use. Moreover Würth Elektronik eiSos GmbH
& Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before the design-in stage. In addition, sufficient reliability evaluation checks for safety
must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Similar Part No. - 634108185521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
634108185321 WURTH-634108185321 Datasheet
609Kb / 7P
   WR-MJ Modular Jack Top Entry
002.001
634108185421 WURTH-634108185421 Datasheet
289Kb / 5P
   Modular Jack Horizontal Shielded SMT 8P8C Tab Down WR-MJ
More results

Similar Description - 634108185521

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
634108185421 WURTH-634108185421 Datasheet
289Kb / 5P
   Modular Jack Horizontal Shielded SMT 8P8C Tab Down WR-MJ
634008149821 WURTH-634008149821 Datasheet
609Kb / 7P
   WR-MJ Modular Jack Horizontal Shielded SMT 8P8C Tab Up WR-MJ
REVISION 001.002
615008150021 WURTH-615008150021 Datasheet
286Kb / 5P
   WR-MJ Modular Jack Tab Up Middle mounted Plastic 8P8C
001.000
615008143721 WURTH-615008143721 Datasheet
605Kb / 7P
   WR-MJ Modular Jack Tab Down
001.001
615006143621 WURTH-615006143621 Datasheet
603Kb / 7P
   WR-MJ Modular Jack Tab Down
001.002
634008137221 WURTH-634008137221 Datasheet
649Kb / 7P
   WR-MJ Modular Jack Tab Down
001.001
615108150221R WURTH-615108150221R Datasheet
574Kb / 8P
   WR-MJ Modular Jack Tab Down
REVISION 001.001
61500814221 WURTH-61500814221 Datasheet
746Kb / 7P
   WR-MJ Modular Jack Tab Down
001.003
615008185221 WURTH-615008185221 Datasheet
614Kb / 6P
   WR-MJ Modular Jack Tab Down
001.003
615006141121 WURTH-615006141121 Datasheet
967Kb / 7P
   WR-MJ Modular Jack Tab Down
001.001
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com