Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4215DGK Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # THS4215DGK
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4215DGK Datasheet(HTML) 1 Page - Texas Instruments

  THS4215DGK Datasheet HTML 1Page - Texas Instruments THS4215DGK Datasheet HTML 2Page - Texas Instruments THS4215DGK Datasheet HTML 3Page - Texas Instruments THS4215DGK Datasheet HTML 4Page - Texas Instruments THS4215DGK Datasheet HTML 5Page - Texas Instruments THS4215DGK Datasheet HTML 6Page - Texas Instruments THS4215DGK Datasheet HTML 7Page - Texas Instruments THS4215DGK Datasheet HTML 8Page - Texas Instruments THS4215DGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
DGK-8
DGN-8
D-8
DRB-8
www.ti.com
FEATURES
DESCRIPTION
1
2
3
4
8
7
6
5
NC
IN-
IN+
VS-
NC
VS+
VOUT
NC
THS4211
APPLICATIONS
RELATED DEVICES
_
+
392
+5 V
49.9
VI
-5 V
50
Ω Source
Low-Distortion, Wideband Application Circuit
NOTE: Power supply decoupling capacitors not shown
VO
392
50
THS4211
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
1
10
100
HARMONIC DISTORTION
vs
FREQUENCY
f - Frequency - MHz
Gain = 2
Rf = 392 Ω
RL = 150 Ω
VO = 2 VPP
VS = ±5 V
HD2
HD3
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
Unity Gain Stability
The THS4211 and THS4215 are high slew rate, unity
gain stable voltage feedback amplifiers designed to
Wide Bandwidth: 1 GHz
run from supply voltages as low as 5 V and as high
High Slew Rate: 970 V/µs
as 15 V. The THS4215 offers the same performance
Low Distortion
as the THS4211 with the addition of power-down
– –90 dBc THD at 30 MHz
capability. The combination of high slew rate, wide
bandwidth, low distortion, and unity gain stability
– 130 MHz Bandwidth (0.1 dB, G = 2)
make the THS4211 and THS4215 high performance
– 0.007% Differential Gain
devices across multiple ac specifications.
– 0.003
° Differential Phase
Designers using the THS4211 are rewarded with
High Output Drive, IO = 200 mA
higher dynamic range over a wider frequency band
Excellent Video Performance
without the stability concerns of decompensated
amplifiers. The devices are available in SOIC, MSOP
– 130 MHz Bandwidth (0.1 dB, G = 2)
with
PowerPAD™,
and
leadless
MSOP
with
– 0.007% Differential Gain
PowerPAD packages.
– 0.003
° Differential Phase
Supply Voltages
– +5 V,
±5 V, +12 V, +15 V
Power Down Functionality (THS4215)
Evaluation Module Available
High Linearity ADC Preamplifier
Differential to Single-Ended Conversion
DEVICE
DESCRIPTION
DAC Output Buffer
THS4271
1.4 GHz voltage feedback amplifier
Active Filtering
THS4503
Wideband fully differential amplifier
Video Applications
THS3202
Dual, wideband current feedback amplifier
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PowerPAD is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2002–2004, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - THS4215DGK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4215DGK NSC-THS4215DGK Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
THS4215DGKG4 NSC-THS4215DGKG4 Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4215DGK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4211 NSC-THS4211 Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com