Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT709289L9PF Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT709289L9PF
Description  HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT709289L9PF Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT709289L9PF Datasheet HTML 1Page - Integrated Device Technology IDT709289L9PF Datasheet HTML 2Page - Integrated Device Technology IDT709289L9PF Datasheet HTML 3Page - Integrated Device Technology IDT709289L9PF Datasheet HTML 4Page - Integrated Device Technology IDT709289L9PF Datasheet HTML 5Page - Integrated Device Technology IDT709289L9PF Datasheet HTML 6Page - Integrated Device Technology IDT709289L9PF Datasheet HTML 7Page - Integrated Device Technology IDT709289L9PF Datasheet HTML 8Page - Integrated Device Technology IDT709289L9PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
6.42
IDT709289L
High-Speed 64K x 16 Synchronous Pipelined Dual-Port Static RAM
Industrial and Commercial Temperature Ranges
4
Recommended Operating
Temperature and Supply Voltage(1)
Recommended DC Operating
Conditions
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operational sections of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect reliability.
2. VTERM must not exceed Vcc + 10% for more than 25% of the cycle time or 10ns
maximum, and is limited to < 20mA for the period of VTERM > Vcc + 10%.
Absolute Maximum Ratings(1)
NOTES:
1. These parameters are determined by device characterization, but are not
production tested.
2. 3dV references the interpolated capacitance when the input and output switch from
0V to 3V or from 3V to 0V.
3. COUT also references CI/O.
Capacitance(1)
(TA = +25°C, f = 1.0MHz)
NOTES:
1. Industrial temperature: for other speeds, packages and powers contact your sales
office.
2. This is the parameter TA. This is the "instant on" case temperature.
NOTES:
1. VTERM must not exceed Vcc + 10%.
2. VIL > -1.5V for pulse width less than 10ns.
Grade
Ambient
Temperature
(2)
GND
Vcc
Commercial
0OC to +70OC0V
5.0V
+ 10%
Industrial
-40OC to +85OC0V
5.0V
+ 10%
4842 tbl 04
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
6.0(1)
V
VIL
Input Low Voltage
-0.5(2)
____
0.8
V
4842 tbl 05
Symbol
Parameter
Conditions
(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
(3)
Output Capacitance
VOUT = 3dV
10
pF
4842 tbl 07
Symbol
Rating
Commercial
& Industrial
Unit
VTERM
(2)
Terminal Voltage
with Respect
to GND
-0.5 to +7.0
V
TBIAS
Temperature
Under Bias
-55 to +125
oC
TSTG
Storage
Temperature
-65 to +150
oC
IOUT
DC Output
Current
50
mA
4842 tbl 06
NOTES:
1. "H" = VIH, "L" = VIL, "X" = Don't Care.
2.
CE0, LB, UB, and OE = VIL; CE1 and R/W = VIH.
3. Outputs configured in Flow-Through Output mode: if outputs are in Pipelined mode the data out will be delayed by one cycle.
4.
ADS is independent of all other signals including CE0, CE1, UB and LB.
5. The address counter advances if
CNTEN = VIL on the rising edge of CLK, regardless of all other signals including CE0, CE1, UB and LB.
6. While an external address is being loaded (
ADS = VIL), R/W = VIH is recommended to ensure data is not written arbitrarily.
Truth Table II—Address Counter Control(1,2,6)
Address
Previous
Address
Addr
Used
CLK
ADS
CNTEN
CNTRST
I/O(3)
Mode
XX
0
XX
L
DI/O(0)
Counter Reset to Address 0
An
X
An
L(4)
XH
DI/O(n)
External Address Loaded into Counter
An
Ap
Ap
HH
H
DI/O(p)
External Address Blocked—Counter Disabled (Ap reused)
XAp
Ap + 1
H
L
(5)
HDI/O(p+1)
Counter Enable—Internal Address Generation
4842 tbl 03


Similar Part No. - IDT709289L9PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709289L IDT-IDT709289L Datasheet
701Kb / 16P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709289L RENESAS-IDT709289L Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT709289L IDT-IDT709289L_15 Datasheet
701Kb / 16P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
More results

Similar Description - IDT709289L9PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT709289L IDT-IDT709289L_15 Datasheet
701Kb / 16P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT709289L RENESAS-IDT709289L Datasheet
335Kb / 17P
   HIGH-SPEED 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT70V9289L IDT-IDT70V9289L Datasheet
192Kb / 15P
   HIGH-SPEED 3.3V 64K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709189L IDT-IDT709189L Datasheet
178Kb / 15P
   HIGH-SPEED 64K x 9 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709389L RENESAS-709389L Datasheet
339Kb / 16P
   HIGH-SPEED 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
APRIL 2019
logo
Integrated Device Techn...
IDT70V3389S IDT-IDT70V3389S_14 Datasheet
187Kb / 17P
   HIGH-SPEED 3.3V 64K x 18 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT709269S IDT-IDT709269S Datasheet
195Kb / 15P
   HIGH-SPEED 16K x 16 SYNCHRONOUS PIPELINED DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_18 Datasheet
179Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L Datasheet
150Kb / 17P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
IDT7028L IDT-IDT7028L_15 Datasheet
671Kb / 18P
   HIGH-SPEED 64K x 16 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com