Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDI322520-390F Datasheet(PDF) 4 Page - Superworld Electronics

Part # SDI322520-390F
Description  WIREWOUND CHIP INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI322520-390F Datasheet(HTML) 4 Page - Superworld Electronics

  SDI322520-390F Datasheet HTML 1Page - Superworld Electronics SDI322520-390F Datasheet HTML 2Page - Superworld Electronics SDI322520-390F Datasheet HTML 3Page - Superworld Electronics SDI322520-390F Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
6-3. Tearing Off Force
Base tape
a) Recommended products should be used within 12 months from the time of delivery.
b) The packaging material should be kept where no chlorine or sulfur exists in the air.
b) The use of tweezers or vacuum pick up is strongly recommended for individual components.
c) Bulk handling should ensure that abrasion and mechanical shock are minimized.
a) Products should be handled with care to avoid damage or contamination from perspiration and skin oils.
To maintain the solderabililty of terminal electrodes :
1. Storage Conditions :
Application Notice
2. Transportation :
Top cover tape
165° to 180°
F
Tearing Speed
in the arrow direction under the following conditions.
The force for tearing off cover tape is 15 to 80 grams
45~85
5~35
860~1060
Room Humidity
(° C)
Room Temp.
(%)
(hPa)
Room atm
300
(mm/min)
SUPERWORLD ELECTRONICS (S) PTE LTD
NOTE : Specifications subject to change without notice. Please check our website for latest information.
28.02.2015
PG. 3
SDI322520 SERIES
WIREWOUND CHIP INDUCTORS


Similar Part No. - SDI322520-390F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDI322520-390F SUPERWORLD-SDI322520-390F Datasheet
339Kb / 8P
   WIREWOUND CHIP INDUCTORS
SDI322520-390F SUPERWORLD-SDI322520-390F Datasheet
127Kb / 4P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SDI322520-390F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SDI565047 SUPERWORLD-SDI565047_15 Datasheet
126Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com