Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

THS4211DGK Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # THS4211DGK
Description  LOW-DISTORTION HIGH-SPEED VOLTAGE FEEDBACK AMPLIFIER
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS4211DGK Datasheet(HTML) 11 Page - Texas Instruments

Back Button THS4211DGK Datasheet HTML 7Page - Texas Instruments THS4211DGK Datasheet HTML 8Page - Texas Instruments THS4211DGK Datasheet HTML 9Page - Texas Instruments THS4211DGK Datasheet HTML 10Page - Texas Instruments THS4211DGK Datasheet HTML 11Page - Texas Instruments THS4211DGK Datasheet HTML 12Page - Texas Instruments THS4211DGK Datasheet HTML 13Page - Texas Instruments THS4211DGK Datasheet HTML 14Page - Texas Instruments THS4211DGK Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 41 page
background image
www.ti.com
-100
-95
-90
-85
-80
-75
-70
0
0.5 1
1.5 2
2.5 3
3.5
4
4.5 5
VO - Output Voltage Swing - ±V
HD2, RL = 499Ω
HD3, RL = 150Ω
HD2, RL = 150Ω
HD3, RL = 499Ω
Gain = 1
f= 8 MHz
VS = ±5 V
VO - Output Voltage Swing - ±V
Gain = 1
f= 32 MHz
VS = ±5 V
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 150Ω
HD3, RL = 499Ω
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
0
0.5 1
1.5 2
2.5 3
3.5 4
4.5 5
-100
-95
-90
-85
-80
-75
-70
-65
0
0.5
1
1.5
2
2.5 3
3.5 4
4.5 5
VO - Output Voltage Swing - ±V
Gain = 2
Rf = 249 Ω
f = 8 MHz
VS = ±5 V
HD3, RL = 150Ω
HD2, RL = 499Ω
HD3, RL = 499Ω
HD2, RL = 150Ω
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
0
1
2
3
4
5
VO - Output Voltage Swing - ±V
Gain = 2
Rf = 249 Ω
f = 32 MHz
VS = ±5 V
HD3, RL = 150Ω
HD2, RL = 499Ω
HD2, RL = 150Ω
HD3, RL = 499Ω
0.5
1.5
2.5
3.5
4.5
30
35
40
45
50
55
60
0
20
40
60
80
100
VO = 2 VPP
VO = 1 VPP
Gain = 1
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
f - Frequency - MHz
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
10
100
f - Frequency - MHz
VO = 2 VPP
VO = 1 VPP
Gain = 1
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
1
10
100
1 k
10 k
100 k
1 M
10 M
100 M
1
10
100
Vn
In
f - Frequency - Hz
f - Frequency - MHz
Gain = 2
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
VO = 2 VPP
VO = 1 VPP
-100
-95
-90
-85
-80
-75
-70
-65
-60
-55
-50
-45
-40
10
100
20
25
30
35
40
45
50
55
60
0
20
40
60
80
100
f - Frequency - MHz
Gain = 2
RL = 150 Ω
VS = ±5 V
200 kHz Tone Spacing
VO = 1 VPP
VO = 2 VPP
THS4211
THS4215
SLOS400D – SEPTEMBER 2002 – REVISED NOVEMBER 2004
TYPICAL CHARACTERISTICS (
±5 V Graphs) (continued)
HARMONIC DISTORTION
HARMONIC DISTORTION
HARMONIC DISTORTION
vs
vs
vs
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
OUTPUT VOLTAGE SWING
Figure 10.
Figure 11.
Figure 12.
THIRD ORDER INTERMODULATION
THIRD ORDER OUTPUT
HARMONIC DISTORTION
DISTORTION
INTERCEPT POINT
vs
vs
vs
OUTPUT VOLTAGE SWING
FREQUENCY
FREQUENCY
Figure 13.
Figure 14.
Figure 15.
THIRD ORDER INTERMODULATION
THIRD ORDER OUTPUT
DISTORTION
INTERCEPT POINT
VOLTAGE AND CURRENT NOISE
vs
vs
vs
FREQUENCY
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Figure 18.
11


Similar Part No. - THS4211DGK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4211DGK NSC-THS4211DGK Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
THS4211DGKG4 NSC-THS4211DGKG4 Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
More results

Similar Description - THS4211DGK

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
THS4211 NSC-THS4211 Datasheet
1Mb / 50P
   LOW-DISTORTION, HIGH-SPEED, VOLTAGE FEEDBACK AMPLIFIER
logo
Texas Instruments
LM6171 TI1-LM6171 Datasheet
1Mb / 30P
[Old version datasheet]   High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
National Semiconductor ...
LM6171 NSC-LM6171 Datasheet
708Kb / 17P
   High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171 NSC-LM6171_14 Datasheet
1Mb / 30P
   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
logo
Texas Instruments
LM6171AIM TI-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6171AIM TI1-LM6171AIM Datasheet
1Mb / 30P
[Old version datasheet]   LM6171 High Speed Low Power Low Distortion Voltage Feedback Amplifier
LM6172QML TI1-LM6172QML Datasheet
1Mb / 22P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
National Semiconductor ...
LM6172 NSC-LM6172 Datasheet
551Kb / 16P
   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
logo
Texas Instruments
LM6172 TI1-LM6172 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
LM6172QML-SP TI1-LM6172QML-SP Datasheet
1Mb / 25P
[Old version datasheet]   Dual High Speed, Low Power, Low Distortion, Voltage Feedback Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com