Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDI453226-2R7F Datasheet(PDF) 3 Page - Superworld Electronics

Part # SDI453226-2R7F
Description  Wire Wound Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI453226-2R7F Datasheet(HTML) 3 Page - Superworld Electronics

  SDI453226-2R7F Datasheet HTML 1Page - Superworld Electronics SDI453226-2R7F Datasheet HTML 2Page - Superworld Electronics SDI453226-2R7F Datasheet HTML 3Page - Superworld Electronics SDI453226-2R7F Datasheet HTML 4Page - Superworld Electronics SDI453226-2R7F Datasheet HTML 5Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Wire Wound Inductor SDI453226 Series
NOTE: Specifications subject to change without notice. Please check our website for latest information.
Proprietary and Confidential
Document of Superworld
02/10/2017
P3
Tolerance: J = ± 5%
K = ± 10%
M = ± 20%
Part No
Inductance (uH)
Tolerance
Q
Min.
Test
Frequency
(Hz)
SRF
(MHz) Min.
DCR (Ω)
Max.
IDC
(mA) Max.
SDI453226-101 F
100.00
K,J
40
796k
6.8
2.50
160
SDI453226-121 F
120.00
K,J
40
796k
6.2
3.00
150
SDI453226-151 F
150.00
K,J
40
796k
5.5
3.70
130
SDI453226-181 F
180.00
K,J
40
796k
5.0
4.50
120
SDI453226-221 F
220.00
K,J
40
796k
4.5
5.40
110
SDI453226-271 F
270.00
K,J
40
796k
4.0
6.80
100
SDI453226-331 F
330.00
K,J
40
796k
3.6
8.20
95
SDI453226-391 F
390.00
K,J
40
796k
3.3
9.70
90
SDI453226-471 F
470.00
K,J
40
796k
3.0
11.8
80
SDI453226-561 F
560.00
K,J
40
796k
2.7
14.5
70
SDI453226-681 F
680.00
K,J
40
796k
2.5
17.0
65
SDI453226-821 F
820.00
K,J
40
796k
2.2
20.5
60
SDI453226-102 F
1000.00
K,J
40
252k
2.0
25.0
50
SDI453226-122 F
1200.00
K,J
40
252k
1.8
30.0
45
SDI453226-152 F
1500.00
K,J
40
252k
1.6
37.0
40
SDI453226-182 F
1800.00
K,J
40
252k
1.5
45.0
35
SDI453226-222 F
2200.00
K,J
40
252k
1.3
50.0
30


Similar Part No. - SDI453226-2R7F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDI453226-2R7F SUPERWORLD-SDI453226-2R7F Datasheet
311Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SDI453226-2R7F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
WI565050 SUPERWORLD-WI565050_15 Datasheet
253Kb / 5P
   Wire Wound Inductor
WI453232 SUPERWORLD-WI453232_15 Datasheet
263Kb / 5P
   Wire Wound Inductor
WI322522 SUPERWORLD-WI322522_15 Datasheet
260Kb / 5P
   Wire Wound Inductor
HWI453232 SUPERWORLD-HWI453232_15 Datasheet
238Kb / 4P
   Wire Wound Inductor
HWI322522 SUPERWORLD-HWI322522_15 Datasheet
256Kb / 4P
   Wire Wound Inductor
SCI1008LP SUPERWORLD-SCI1008LP_15 Datasheet
225Kb / 4P
   Wire Wound Inductor
logo
List of Unclassifed Man...
MCFT000148 ETC2-MCFT000148 Datasheet
622Kb / 10P
   Wire Wound Chip Inductor
logo
AVX Corporation
LCWC0402K101GTAR AVX-LCWC0402K101GTAR Datasheet
302Kb / 10P
   Wire Wound Chip Inductor
logo
AiT Semiconductor Inc.
WSI AITSEMI-WSI Datasheet
2Mb / 23P
   WIRE WOUND SMD INDUCTOR
logo
Delta Electronics, Inc.
0805CS DELTA-0805CS Datasheet
488Kb / 5P
   WIRE-WOUND CHIP INDUCTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com