Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDI565047-103F Datasheet(PDF) 2 Page - Superworld Electronics

Part # SDI565047-103F
Description  WIREWOUND CHIP INDUCTORS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUPERWORLD [Superworld Electronics]
Direct Link  http://www.superworld.com.sg
Logo SUPERWORLD - Superworld Electronics

SDI565047-103F Datasheet(HTML) 2 Page - Superworld Electronics

  SDI565047-103F Datasheet HTML 1Page - Superworld Electronics SDI565047-103F Datasheet HTML 2Page - Superworld Electronics SDI565047-103F Datasheet HTML 3Page - Superworld Electronics SDI565047-103F Datasheet HTML 4Page - Superworld Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SUPERWORLD ELECTRONICS (S) PTE LTD
SDI565047 SERIES
NOTE : Specifications subject to change without notice. Please check our website for latest information.
PG. 2
28.02.2015
5. ELECTRICAL CHARACTERISTICS :
WIREWOUND CHIP INDUCTORS
SRF
IDC
DCR
SDI565047-330□F
SDI565047-471□F
SDI565047-472□F
SDI565047-103□F
SDI565047-102□F
SDI565047-222□F
SDI565047-681□F
SDI565047-221□F
SDI565047-331□F
SDI565047-151□F
SDI565047-680□F
SDI565047-101□F
SDI565047-470□F
SDI565047-2R2□F
SDI565047-220□F
SDI565047-100□F
SDI565047-150□F
SDI565047-4R7□F
SDI565047-6R8□F
SDI565047-3R3□F
SDI565047-1R0□F
SDI565047-1R5□F
SDI565047-R47□F
SDI565047-R27□F
SDI565047-R12□F
Part No.
900
0.448
12
240
7.560
2.4
0.5
0.8
1.7
1.2
1.9
140.0
61.04
50
70
30.10
14.42
11.34
100
150
190
3.1
4.0
5.0
7.6
6.5
10
6.160
3.360
2.660
270
320
420
0.938
1.204
0.560
640
560
800
3200
80
0.0410
15
20
17
25
30
40
0.266
0.210
0.1300
1200
1400
1700
0.1040
0.0574
0.0500
2000
2700
2900
110
150
200
300
450
( MHz )
Min.
0.0310
0.0270
0.0182
3700
4000
4800
0.0140
0.0098
( Ω )
Max.
5300
6000
Max.
( mA )
M
M, K
M, K
M, K
M
M
M
M
M
M
M
M
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
M, K
Test
1M
100K
10K
10K
10K
100K
100K
100K
100K
100K
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
1M
( Hz )
Frequency
Inductance
( uH )
2.2
22
15
10
6.8
4.7
3.3
1.5
1.0
0.47
0.27
0.12
100
1000
680
470
330
220
150
68
47
33
10000
4700
2200
Inductance tolerance :
□ : J : ±5%
K : ± 10%
M : ± 20%
10K
Tolerance


Similar Part No. - SDI565047-103F

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SDI565047-103F SUPERWORLD-SDI565047-103F Datasheet
334Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results

Similar Description - SDI565047-103F

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LLQ1608 TOKO-LLQ1608 Datasheet
377Kb / 2P
   Wirewound Chip Inductors
logo
Superworld Electronics
SCI0805HQ SUPERWORLD-SCI0805HQ_15 Datasheet
205Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0805LP SUPERWORLD-SCI0805LP_15 Datasheet
206Kb / 4P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S Datasheet
278Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0603S SUPERWORLD-SCI0603S Datasheet
279Kb / 7P
   WIREWOUND CHIP INDUCTORS
SDI321618 SUPERWORLD-SDI321618 Datasheet
304Kb / 7P
   WIREWOUND CHIP INDUCTORS
SCI0402S SUPERWORLD-SCI0402S_10 Datasheet
329Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008S SUPERWORLD-SCI1008S_10 Datasheet
318Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI0805S SUPERWORLD-SCI0805S_10 Datasheet
331Kb / 8P
   WIREWOUND CHIP INDUCTORS
SCI1008LP SUPERWORLD-SCI1008LP_10 Datasheet
301Kb / 7P
   WIREWOUND CHIP INDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com