Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C3216X6S1H107F020AA Datasheet(PDF) 1 Page - TDK Electronics

Part # C3216X6S1H107F020AA
Description  MULTILAYER CERAMIC CHIP CAPACITORS
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics

C3216X6S1H107F020AA Datasheet(HTML) 1 Page - TDK Electronics

  C3216X6S1H107F020AA Datasheet HTML 1Page - TDK Electronics C3216X6S1H107F020AA Datasheet HTML 2Page - TDK Electronics C3216X6S1H107F020AA Datasheet HTML 3Page - TDK Electronics C3216X6S1H107F020AA Datasheet HTML 4Page - TDK Electronics C3216X6S1H107F020AA Datasheet HTML 5Page - TDK Electronics C3216X6S1H107F020AA Datasheet HTML 6Page - TDK Electronics C3216X6S1H107F020AA Datasheet HTML 7Page - TDK Electronics C3216X6S1H107F020AA Datasheet HTML 8Page - TDK Electronics C3216X6S1H107F020AA Datasheet HTML 9Page - TDK Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 56 page
background image
MULTILAYER CERAMIC CHIP CAPACITORS
MULTILAYER CERAMIC CHIP CAPACITORS
C0402
[01005 inch]
C0603
[0201 inch]
C1005
[0402 inch]
C1608
[0603 inch]
C2012
[0805 inch]
C3216
[1206 inch]
C3225
[1210 inch]
C4532
[1812 inch]
C5750
[2220 inch]
* Dimensions code: JIS[EIA]
Commercial Grade, General (Up to 50V)
C series
July 2017


Similar Part No. - C3216X6S1H107F020AA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
C3216X6S1H102BTXXXX TDK-C3216X6S1H102BTXXXX Datasheet
1Mb / 72P
   General Application
C3216X6S1H102WTXXXX TDK-C3216X6S1H102WTXXXX Datasheet
1Mb / 72P
   General Application
C3216X6S1H105WTXXXX TDK-C3216X6S1H105WTXXXX Datasheet
1Mb / 72P
   General Application
More results

Similar Description - C3216X6S1H107F020AA

ManufacturerPart #DatasheetDescription
logo
EPCOS
X8R EPCOS-X8R Datasheet
112Kb / 13P
   Multilayer ceramic capacitors Chip capacitors
logo
NIC-Components Corp.
NMC0402X7R104K16TRPF NIC-NMC0402X7R104K16TRPF Datasheet
138Kb / 4P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C1005C0G1H1R5C050BA TDK-C1005C0G1H1R5C050BA Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
C1608X5R0J226M080AC TDK-C1608X5R0J226M080AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
C3216X7R1C105K TDK-C3216X7R1C105K Datasheet
197Kb / 31P
   Multilayer Ceramic Chip Capacitors
C3216X7R1V106M160AC TDK-C3216X7R1V106M160AC Datasheet
2Mb / 55P
   MULTILAYER CERAMIC CHIP CAPACITORS
CKG57NX5R1E476M500JH TDK-CKG57NX5R1E476M500JH Datasheet
109Kb / 9P
   Multilayer Ceramic Chip Capacitors
C3225X5R1C226K TDK-C3225X5R1C226K Datasheet
173Kb / 31P
   Multilayer Ceramic Chip Capacitors
logo
Kyocera Kinseki Corpota...
CM32Y5V106Z16AT KSS-CM32Y5V106Z16AT Datasheet
163Kb / 16P
   Multilayer Ceramic Chip Capacitors
logo
TDK Electronics
C0603X5R0J224K TDK-C0603X5R0J224K Datasheet
463Kb / 2P
   Multilayer Ceramic Chip Capacitors
logo
NIC-Components Corp.
NMC1 NIC-NMC1 Datasheet
268Kb / 4P
   Multilayer Ceramic Chip Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com