Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT74ALVCH162827 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT74ALVCH162827
Description  3.3V CMOS 20-BIT BUFFER/ DRIVER WITH 3-STATE OUTPUTS AND BUS-HOLD
Download  6 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  IDT [Integrated Device Technology]
Homepage  http://www.idt.com
Logo 

IDT74ALVCH162827 Datasheet(HTML) 2 Page - Integrated Device Technology

   
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
INDUSTRIALTEMPERATURERANGE
2
IDT74ALVCH162827
3.3VCMOS20-BITBUFFER/DRIVERWITH3-STATEOUTPUTSANDBUS-HOLD
TSSOP
TOP VIEW
PIN CONFIGURATION
FUNCTION TABLE (EACH10-BITSECTION)(1)
Pin Names
Description
xOEx
Output Enable Inputs (Active LOW)
xAx
Data Inputs(1)
xYx
3-State Outputs
PIN DESCRIPTION
NOTE:
1. As applicable to the device type.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input Capacitance
VIN = 0V
5
7
pF
COUT
Output Capacitance
VOUT = 0V
7
9
pF
COUT
I/O Port Capacitance
VIN = 0V
7
9
pF
CAPACITANCE (TA= +25°C, F = 1.0MHz)
Symbol
Description
Max
Unit
VTERM(2) Terminal Voltage with Respect to GND
–0.5 to +4.6
V
VTERM(3) Terminal Voltage with Respect to GND
–0.5 to VCC+0.5
V
TSTG
Storage Temperature
–65 to +150
°C
IOUT
DC Output Current
–50 to +50
mA
IIK
Continuous Clamp Current,
±50
mA
VI < 0 or VI > VCC
IOK
Continuous Clamp Current, VO < 0
–50
mA
ICC
Continuous Current through each
±100
mA
ISS
VCC or GND
ABSOLUTE MAXIMUM RATINGS(1)
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
2. VCC terminals.
3. All terminals except VCC.
1
OE1
1
Y1
1
Y2
GND
1
Y3
1
Y4
VCC
1
Y5
1
Y6
GND
1
Y7
1
Y8
1
Y9
1
Y10
2
Y2
2
Y3
GND
2
Y4
2
Y5
2
Y6
VCC
2
Y7
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
48
49
50
51
52
53
54
55
56
1
1
OE2
1
A 1
1
A 2
GND
1
A 3
1
A 4
VCC
1
A 5
1
A 6
1
A 7
1
A 8
1
A 9
1
A 10
GND
2
A 2
2
A 3
2
A 4
2
A 5
GND
2
A 6
2
A 7
2
A 8
GND
2
Y9
2
Y10
2
OE1
25
26
27
28
32
31
30
29
GND
2
A 9
2
A 10
2
OE2
2
Y1
2
Y8
VCC
2
A 1
NOTE:
1. H = HIGH Voltage Level
L = LOW Voltage Level
X = Don’t Care
Z = High Impedance
Inputs
Output
xOE1
xOE2
xAx
xYx
LL
L
L
LL
H
H
HX
X
Z
XH
X
Z
NOTE:
1. These pins have "Bus-Hold". All other pins are standard inputs, outputs, or I/Os.


Html Pages

1  2  3  4  5  6 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn