Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V7326 Datasheet(PDF) 1 Page - Integrated Device Technology

Part No. IDT72V7326
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V7326 Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT72V7326 Datasheet HTML 1Page - Integrated Device Technology IDT72V7326 Datasheet HTML 2Page - Integrated Device Technology IDT72V7326 Datasheet HTML 3Page - Integrated Device Technology IDT72V7326 Datasheet HTML 4Page - Integrated Device Technology IDT72V7326 Datasheet HTML 5Page - Integrated Device Technology IDT72V7326 Datasheet HTML 6Page - Integrated Device Technology IDT72V7326 Datasheet HTML 7Page - Integrated Device Technology IDT72V7326 Datasheet HTML 8Page - Integrated Device Technology IDT72V7326 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
OCTOBER 2003
IDT72V73260
3.3 VOLT TIME SLOT INTERCHANGE
DIGITAL SWITCH
16,384 X 16,384
 2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice
DSC-5932/9
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The ST-BUS
® is a trademark of Mitel Corp.
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
••••• 16K x 16K non-blocking switching at 32.768Mb/s
••••• 32 serial input and output streams
••••• Accepts single-bit single-data streams at 32.768Mb/s
••••• Per-channel Variable Delay Mode for low-latency applications
••••• Per-channel Constant Delay Mode for frame integrity applications
••••• Automatic identification of ST-BUS® and GCI bus interfaces
••••• Automatic frame offset delay measurement
••••• Per-stream single data frame delay offset programming
••••• Per-channel high-impedance output control
••••• Direct microprocessor access to all internal memories
••••• Memory block programming for quick setup
••••• IEEE-1149.1 (JTAG) Test Port
••••• 3.3V Power Supply
••••• Available in 144-pin (13mm x 13mm) Plastic Ball Grid Array
(PBGA) and 144-pin (20mm x 20mm) Thin Quad Flatpack (TQFP)
••••• Operating Temperature Range -40
°°°°°C to +85°°°°°C
DESCRIPTION:
The IDT72V73260 has a non-blocking switch capacity of 16,384 x 16,384
channels at 32.768Mb/s. With 32 inputs and 32 outputs, programmable per
streamcontrol,andavarietyofoperatingmodestheIDT72V73260isdesigned
for the TDM time slot interchange function in either voice or data applications.
Some of the main features of the IDT72V73260 are LOW power 3.3 Volt
operation, automatic ST-BUS® /GCI sensing, memory block programming,
simplemicroprocessorinterface,JTAGTestAccessPort(TAP)andperstream
programmableinputoffsetdelay,variableorconstantthroughputmodes,output
enable and processor mode.
RX0
RX1
RX31
ODE
F32i
VCC
CS
R/
W
A0-A15
GND
DTA
D0-D15
TX0
TX1
TX15
TX31/OEI15
DS
C32i
FE
RESET
5932 drw01
Receive
Serial Data
Streams
MUX
Data Memory
Internal
Registers
Microprocessor Interface
Timing Unit
Connection
Memory
Transmit
Serial Data
Streams
TX16/OEI0
TX17/OEI1
JTAG Port
TDO
TMS TDI TCK
TRST


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V73250 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8 192 x 8 192 1  2  3  4  5  More Integrated Device Technology
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V73273 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32 768 X 32 768 CHANNELS 1  2  3  4  5  More Integrated Device Technology
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70200 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8988 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn