Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V7326 Datasheet(PDF) 6 Page - Integrated Device Technology

Part No. IDT72V7326
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V7326 Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button IDT72V7326 Datasheet HTML 2Page - Integrated Device Technology IDT72V7326 Datasheet HTML 3Page - Integrated Device Technology IDT72V7326 Datasheet HTML 4Page - Integrated Device Technology IDT72V7326 Datasheet HTML 5Page - Integrated Device Technology IDT72V7326 Datasheet HTML 6Page - Integrated Device Technology IDT72V7326 Datasheet HTML 7Page - Integrated Device Technology IDT72V7326 Datasheet HTML 8Page - Integrated Device Technology IDT72V7326 Datasheet HTML 9Page - Integrated Device Technology IDT72V7326 Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
6
INDUSTRIAL TEMPERATURERANGE
IDT72V73260 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 16,384 x 16,384
DELAY THROUGH THE IDT72V73260
Theswitchingofinformationfromtheinputserialstreamstotheoutputserial
streams results in a throughput delay. The device can be programmed to
performtime-slotinterchangefunctionswithdifferentthroughputdelaycapabili-
ties on a per-channel basis. For voice applications, variable throughput delay
isbestasitensureminimumdelaybetweeninputandoutputdata.Inwideband
dataapplications,constantthroughputdelayisbestastheframeintegrityofthe
information is maintained through the switch.
Thedelaythroughthedevicevariesaccordingtothetypeofthroughputdelay
selected in the MOD bits of the Connection Memory.
VARIABLE DELAY MODE (MOD1-0 = 0-0)
In this mode, the delay is dependent only on the combination of source and
destination channels and is independent of input and output streams. The
minimum delay achievable in the IDT72V73260 is three time-slots. If the input
channeldataisswitchedtothesameoutputchannel(channeln,framep),itwill
be output in the following frame (channel n, frame p+1). The same is true if the
input channel n is switched to output channel n+1 or n+2. If the input channel
n is switched to output channel n+3, n+4,..., the new output data will appear in
the same frame. Table 2 shows the possible delays for the IDT72V73260 in
Variable Delay mode.
CONSTANT DELAY MODE (MOD1-0 = 0-1)
In this mode, frame integrity is maintained in all switching configurations by
making use of a multiple data memory buffer. Input channel data is written into
the data memory buffers during frame n will be read out during frame n+2. In
theIDT72V73260,theminimumthroughputdelayachievableinConstantDelay
mode will be one frame plus one channel. See Table 1.
MICROPROCESSOR INTERFACE
The IDT72V73260’s microprocessor interface looks like a standard RAM
interface to improve integration into a system. With a 16-bit address bus and a
16-bitdatabus,readsandwritesaremappeddirectlyintoDataandConnection
memories. By allowing the internal memories to be randomly accessed, the
controlling microprocessor has more time to manage other peripheral devices
andcanmoreeasilyandquicklygatherinformationandsetuptheswitchpaths.
Table 4 shows the mapping of the addresses into internal memory blocks.
MEMORY MAPPING
Theaddressbusonthemicroprocessorinterfaceselectstheinternalregisters
and memories of the IDT72V73260.
Thetwomostsignificantbitsoftheaddressselectbetweentheregisters,Data
Memory,andConnectionMemory.IfA15andA14areHIGH,A13-A0areused
to address the Data Memory. If A15 is HIGH and A14 is LOW, A13-A0 are used
to address Connection Memory. If A15 is LOW and A14 is HIGH A13-A0 are
usedtoselecttheControlRegister,FrameAlignmentRegister,andFrameOffset
Registers. See Table 4 for mappings.
AsexplainedintheInitializationsections,aftersystempower-up,theControl
Registershouldbeprogrammedimmediatelytoestablishthedesiredswitching
configuration.
ThedataintheControlRegisterconsistsoftheMemoryBlockProgramming
bit , the Block Programming Data bits, the Begin Block Programming Enable,
the Output Stand By, Start Frame Evaluation, Output Enable Indication and
Software Reset . As explained in the Memory Block Programming section, the
Block Programming Enable begins the programming if the Memory Block
Program bit is enabled. This allows the entire Connection Memory block to be
programmedwiththeBlockProgrammingDatabits.IftheODEpinisLOW,the
OutputStandBybitenables(ifHIGH)ordisables(ifLOW)allTXoutputdrivers.
If the ODE pin is HIGH, the contents of the Output Stand By bit is ignored and
all TX output drivers are enabled.
SOFTWARE RESET
The Software Reset serves the same function as the hardware reset. As
with the hard reset, the Software Reset must also be set HIGH for 20ns before
bringingtheSoftwareResetLOWagainfornormaloperation. OncetheSoftware
Reset is LOW, internal registers and other memories may be read or written.
During Software Reset, the microprocessor port is still able to read from all
internal memories. The only write operation allowed during a Software Reset
istotheSoftwareResetbitintheControlRegistertocompletetheSoftwareReset.
CONNECTION MEMORY CONTROL
If the ODE pin and the Output Stand By bit are LOW, all output channels will
be in three-state. See Table 3 for detail.
If MOD1-0 of the Connection Memory is 1-0 accordingly, the output channel
will be in Processor Mode. In this case the lower eight bits of the Connection
Memory are output each frame until the MOD1-0 bits are changed. If MOD1-
0oftheConnectionMemoryare0-1accordingly,thechannelwillbeinConstant
Delay Mode and bits 13-0 are used to address a location in Data Memory. If
MOD1-0 of the Connection Memory are 0-0, the channel will be in Variable
Delay Mode and bits 13-0 are used to address a location in Data Memory. If
MOD 1-0 of the Connection Memory are 1-1, the channel will be in high-
Impedance mode and that channel will be in three-state.
OUTPUT ENABLE INDICATION
TheIDT72V73260hasthecapabilitytoindicatethestateoftheoutputs(active
orthree-state)byenablingtheOutputEnableIndicationintheControlRegister.
In the Output Enable Indication mode however, only half of the output streams
are available. If this same capability is desired with all 32 streams, this can be
accomplishedbyusingtwoIDT72V73260devices. Inonedevice,theAllOutput
Enable bit is set to a one while in the other the All Output Enable is set to zero.
In this way, one device acts as the switch and the other as a three-state control
device, see Figure 5. It is important to note if the TSI device is programmed for
All Output Enable and the Output Enable Indication is also set, the device will
be in the All Output Enable mode not Output Enable Indication. To use all 32
streams, set Output Enable Indication in the Control Register to zero.
INITIALIZATION OF THE IDT72V73260
After power up, the state of the Connection Memory is unknown. As such,
theoutputsshouldbeputinhigh-impedancebyholdingtheODEpinLOW. While
theODEisLOW,themicroprocessorcaninitializethedevicebyusingtheBlock
Programmingfeatureandprogramtheactivepathsviathemicroprocessorbus.
Once the device is configured, the ODE pin (or Output Stand By bit depending
on initialization) can be switched to enable the TSI switch.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V73250 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8 192 x 8 192 1  2  3  4  5  More Integrated Device Technology
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V73273 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32 768 X 32 768 CHANNELS 1  2  3  4  5  More Integrated Device Technology
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70200 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8988 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn