Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V7326 Datasheet(PDF) 3 Page - Integrated Device Technology

Part No. IDT72V7326
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V7326 Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT72V7326 Datasheet HTML 1Page - Integrated Device Technology IDT72V7326 Datasheet HTML 2Page - Integrated Device Technology IDT72V7326 Datasheet HTML 3Page - Integrated Device Technology IDT72V7326 Datasheet HTML 4Page - Integrated Device Technology IDT72V7326 Datasheet HTML 5Page - Integrated Device Technology IDT72V7326 Datasheet HTML 6Page - Integrated Device Technology IDT72V7326 Datasheet HTML 7Page - Integrated Device Technology IDT72V7326 Datasheet HTML 8Page - Integrated Device Technology IDT72V7326 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
INDUSTRIAL TEMPERATURERANGE
IDT72V73260 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 16,384 x 16,384
TQFP: 0.50mm pitch, 20mm x 20mm (DA144-1, order code: DA)
TOP VIEW
PIN CONFIGURATIONS (CONTINUED)
GND
VCC
TX15
TX14
TX13
TX12
GND
VCC
TX11
TX10
TX9
TX8
GND
VCC
TX7
TX6
TX5
GND
VCC
TX3
TX2
TX1
GND
VCC
RX7
RX6
RX5
RX4
RX3
RX2
RX1
RX0
ODE
109
110
111
112
113
114
115
116
117
118
119
120
121
122
123
124
125
126
127
128
129
130
131
132
133
134
135
136
137
138
139
140
141
142
143
144
TX4
TX0
RESET
TX29/OEI13
GND
VCC
RX25
RX26
RX27
RX28
RX29
RX31
GND
VCC
D0
D1
D3
GND
VCC
D4
D5
D6
D7
GND
VCC
D8
D9
D10
D11
GND
VCC
D12
D13
72
71
70
69
68
67
66
65
64
63
62
61
60
59
58
57
56
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
RX24
D2
RX30
TX28/OEI12
TX30/OEI14
TX31/OEI15
5932 drw03
PIN 1
NOTE:
1.
NC
= No Connect.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V73250 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8 192 x 8 192 1  2  3  4  5  More Integrated Device Technology
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V73273 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32 768 X 32 768 CHANNELS 1  2  3  4  5  More Integrated Device Technology
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70200 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8988 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn