Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

IDT72V7326 Datasheet(PDF) 2 Page - Integrated Device Technology

Part No. IDT72V7326
Description  3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 16,384 X 16,384
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72V7326 Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT72V7326 Datasheet HTML 1Page - Integrated Device Technology IDT72V7326 Datasheet HTML 2Page - Integrated Device Technology IDT72V7326 Datasheet HTML 3Page - Integrated Device Technology IDT72V7326 Datasheet HTML 4Page - Integrated Device Technology IDT72V7326 Datasheet HTML 5Page - Integrated Device Technology IDT72V7326 Datasheet HTML 6Page - Integrated Device Technology IDT72V7326 Datasheet HTML 7Page - Integrated Device Technology IDT72V7326 Datasheet HTML 8Page - Integrated Device Technology IDT72V7326 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2
INDUSTRIAL TEMPERATURERANGE
IDT72V73260 3.3V TIME SLOT INTERCHANGE
DIGITAL SWITCH 16,384 x 16,384
C32i
RESET
ODE
RX1
RX4
RX7
TX4
TX7
TX10
TX12
TX14
TX15
F32i
FE
RX0
RX2
RX5
TX0
TX3
TX6
TX9
TX11
TX13
RX8
NC(1)
TDI
RX3
RX6
TX1
TX2
TX5
TX8
RX11
RX10
RX9
TDO
TCK
TRST
DS
VCC
VCC
VCC
VCC
RX15
RX14
RX13
RX12
CS
R/
W
A0
VCC
RX18
RX17
RX16
A1
A2
A3
VCC
RX21
RX20
RX19
A6
A5
A4
VCC
RX22
RX23
TX16/
OEI0
A9
A8
A7
VCC
TX17/
OEI1
TX18/
OEI2
TX19/
OEI3
A13
A12
A11
A10
TX21/
OEI5
TX22/
OEI6
NC(1)
A15
A14
D8
D5
D1
RX30
RX26
TX31/
OEI15
TX23/
OEI7
TX24/
OEI8
D15
D11
D9
D6
D3
D0
RX29
RX25
TX30/
OEI14
TX25/
OEI9
TX26/
OEI10
D13
D12
D10
D7
D4
RX31
RX28
RX24
TX29/
OEI13
TX28/
OEI12
TX27/
OEI11
A1 BALL PAD CORNER
A
B
C
D
E
F
G
H
J
K
L
M
12
3
4
5
6
7
8
9
10
11
12
5932 drw02
GND
GND
GND
GND
VCC
GND
GND
GND
GND
VCC
VCC
GND
GND
GND
GND
VCC
VCC
VCC
VCC
VCC
RX27
GND
GND
GND
GND
DTA
D14
D2
TMS
TX20/
OEI4
PIN CONFIGURATIONS
PBGA: 1mm pitch, 13mm x13mm (BB144-1, order code: BB)
TOP VIEW
NOTE:
1.
NC
= No Connect.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
IDT72V73250 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 8 192 x 8 192 1  2  3  4  5  More Integrated Device Technology
IDT72V8985 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V73273 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 32 768 X 32 768 CHANNELS 1  2  3  4  5  More Integrated Device Technology
IDT72V8980 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V71643 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH WITH RATE MATCHING 1  2  3  4  5  More Integrated Device Technology
IDT72V70190 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 256 x 256 1  2  3  4  5  More Integrated Device Technology
IDT72V90823 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1  2  3  4  5  More Integrated Device Technology
IDT72V70200 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 512 x 512 1  2  3  4  5  More Integrated Device Technology
IDT72V70810 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 1 024 x 1 024 1  2  3  4  5  More Integrated Device Technology
IDT72V8988 3.3 VOLT TIME SLOT INTERCHANGE DIGITAL SWITCH 128 x 128 1  2  3  4  5  More Integrated Device Technology

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn