Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN60H080DS-13 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN60H080DS-13
Description  N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN60H080DS-13 Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN60H080DS-13 Datasheet HTML 1Page - Diodes Incorporated DMN60H080DS-13 Datasheet HTML 2Page - Diodes Incorporated DMN60H080DS-13 Datasheet HTML 3Page - Diodes Incorporated DMN60H080DS-13 Datasheet HTML 4Page - Diodes Incorporated DMN60H080DS-13 Datasheet HTML 5Page - Diodes Incorporated DMN60H080DS-13 Datasheet HTML 6Page - Diodes Incorporated DMN60H080DS-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN60H080DS
Document number: DS39475 Rev. 3 - 2
5 of 7
www.diodes.com
May 2017
© Diodes Incorporated
DMN60H080DS
0.001
0.01
0.1
1
1E-05
0.0001
0.001
0.01
0.1
1
10
100
1000
t1, PULSE DURATION TIME (sec)
Figure 13. Transient Thermal Resistance
D=Single Pulse
D=0.005
D=0.01
D=0.02
D=0.05
D=0.1
D=0.3
D=0.5
D=0.9
D=0.7
RθJA(t) = r(t) * RθJA
RθJA = 174℃/W
Duty Cycle, D = t1 / t2


Similar Part No. - DMN60H080DS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN60H3D5SK3 DIODES-DMN60H3D5SK3 Datasheet
548Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMN60H3D5SK3 ISC-DMN60H3D5SK3 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Diodes Incorporated
DMN60H3D5SK3-13 DIODES-DMN60H3D5SK3-13 Datasheet
548Kb / 7P
   600V N-CHANNEL ENHANCEMENT MODE MOSFET
DMN60H4D5SK3 DIODES-DMN60H4D5SK3 Datasheet
335Kb / 7P
   N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Inchange Semiconductor ...
DMN60H4D5SK3 ISC-DMN60H4D5SK3 Datasheet
310Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - DMN60H080DS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSN20 DIODES-BSN20_15 Datasheet
183Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
BSS127 DIODES-BSS127_15 Datasheet
314Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN65D8LFB DIODES-DMN65D8LFB_15 Datasheet
334Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2030UCB4 DIODES-DMN2030UCB4 Datasheet
612Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
December 2014 Rev. 1- 2
DMN3008SCP10 DIODES-DMN3008SCP10 Datasheet
546Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2023UCB4 DIODES-DMN2023UCB4_17 Datasheet
438Kb / 9P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
2N7002XFB DIODES-2N7002XFB Datasheet
117Kb / 5P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
September 2011 Rev. 2 - 6
BSN20 DIODES-BSN20 Datasheet
122Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN2023UCB4 DIODES-DMN2023UCB4_15 Datasheet
608Kb / 8P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
DMN1033UCB4 DIODES-DMN1033UCB4_15 Datasheet
289Kb / 6P
   N-CHANNEL ENHANCEMENT MODE FIELD MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com