Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DMN61D8LVTQ Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DMN61D8LVTQ
Description  INTEGRATED RELAY AND INDUCTIVE LOAD DRIVER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN61D8LVTQ Datasheet(HTML) 5 Page - Diodes Incorporated

  DMN61D8LVTQ_16 Datasheet HTML 1Page - Diodes Incorporated DMN61D8LVTQ_16 Datasheet HTML 2Page - Diodes Incorporated DMN61D8LVTQ_16 Datasheet HTML 3Page - Diodes Incorporated DMN61D8LVTQ_16 Datasheet HTML 4Page - Diodes Incorporated DMN61D8LVTQ_16 Datasheet HTML 5Page - Diodes Incorporated DMN61D8LVTQ_16 Datasheet HTML 6Page - Diodes Incorporated DMN61D8LVTQ_16 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
DMN61D8LVTQ
Document number: DS37822 Rev. 3 - 2
5 of 7
www.diodes.com
December 2016
© Diodes Incorporated
DMN61D8LVTQ
V
, SOURCE-DRAIN VOLTAGE (V)
SD
Figure 9 Diode Forward Voltage vs. Current
0
0.2
0.4
0.6
0.8
1
0
0.3
0.6
0.9
1.2
1.5
T = -55°C
A
T = 150°C
A
T = 25°C
A
T = 85°C
A
T = 125°C
A
V
, DRAIN-SOURCE VOLTAGE (V)
DS
Figure 10 Typical Junction Capacitance
0
1
10
100
0
5
10
15
20
25
30
35
40
f = 1MHz
C rss
Coss
Ciss
Q , TOTAL GATE CHARGE (nC)
g
Figure 11 Gate Charge
0
1
2
3
4
5
6
7
0
0.2
0.4
0.6
0.8
1
1.2
1.4
V
= 12V
DS
I
= 150mA
D
0.001
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
10
100
1000
D = 0.5
D = 0.7
D = 0.005
R
(t) = r(t) * R
thja
thja
R
= 154°C/W
JA
Duty Cycle, D = t1/ t2
D = Single Pulse
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.3
D = 0.9
t1, PULSE DURATION TIME (sec)
Figure 13 Transient Thermal Resistance


Similar Part No. - DMN61D8LVTQ_16

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN61D8LVTQ-13 DIODES-DMN61D8LVTQ-13 Datasheet
350Kb / 7P
   Provides a reliable and robust interface between sensitive logic and DC relay coils
More results

Similar Description - DMN61D8LVTQ_16

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MDC3105LT1 ONSEMI-MDC3105LT1 Datasheet
128Kb / 12P
   Integrated Relay, Inductive Load Driver
March, 2004 ??Rev. 3
NUD3105D ONSEMI-NUD3105D Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
September, 2004 ??Rev. 2
NUD3112 ONSEMI-NUD3112 Datasheet
62Kb / 8P
   Integrated Relay, Inductive Load Driver
June, 2004 ??Rev. 6
NUD3105 ONSEMI-NUD3105_16 Datasheet
171Kb / 10P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 12
NUD3105 ONSEMI-NUD3105_06 Datasheet
81Kb / 8P
   Integrated Relay, Inductive Load Driver
April, 2006 ??Rev. 8
MDC3105 ONSEMI-MDC3105_16 Datasheet
185Kb / 14P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 8
NUD3105LT1 ONSEMI-NUD3105LT1 Datasheet
77Kb / 8P
   Integrated Relay, Inductive Load Driver
December, 2004 ??Rev. 7
MDC3105 ONSEMI-MDC3105 Datasheet
119Kb / 12P
   Integrated Relay, Inductive Load Driver
December, 2005 ??Rev. 5
logo
Diodes Incorporated
DRDC3105 DIODES-DRDC3105 Datasheet
214Kb / 9P
   INTEGRATED RELAY, INDUCTIVE LOAD DRIVER
logo
ON Semiconductor
NUD3112 ONSEMI-NUD3112_16 Datasheet
147Kb / 7P
   Integrated Relay, Inductive Load Driver
October, 2016 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com